Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLO Datasheet(PDF) 2 Page - Schurter Inc.

Part # DLO
Description  Linear Choke, open version, without socket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLO Datasheet(HTML) 2 Page - Schurter Inc.

  DLO Datasheet HTML 1Page - Schurter Inc. DLO Datasheet HTML 2Page - Schurter Inc. DLO Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Suppression Chokes
DLO
https://www.schurter.com /PG81_82
EMC Products
Dimension [mm]
Ø d
a
c
Dimensions: see table of variants
Diagrams
Application in DC-DC Converter
1)
2)
DLH/DLN/DLO
DS/DSO
DLH/DLN/DLO
1) DC-Input unregulated
2) DC-Output regulated
Derating Curves
Inductance variation as function of the magnetizing current
All Variants
In [A]
Ln [mH]
Rcu
[m
Ω]
fRES
[MHz]
Inductance
drop max [%]
A [mm]
B [mm]
C [mm] D [mm] Weight [g]
Packing unit [pcs.]
Order Number
0.45
5
3000
0.3
20
20 mm
15 mm
10 mm
10 g
200
DLO1-24-0008
0.6
3
1550
0.4
20
20 mm
36 mm
10 mm
11 g
200
DLO1-24-0007
1.0
1
600
0.8
20
20 mm
15 mm
10 mm
10 g
200
DLO1-24-0006
1.5
0.5
280
1.3
20
20 mm
15 mm
10 mm
10 g
200
DLO1-24-0005
1.8
0.3
178
2
20
20 mm
15 mm
10 mm
10 g
200
DLO1-24-0004
3
0.1
70
8.2
20
20 mm
36 mm
10 mm
10 g
200
DLO1-24-0003
4.5
0.05
26
8.4
20
20 mm
15 mm
10 mm
0.9 mm
11 g
200
DLO1-24-0002
7
0.02
12
20.2
20
20 mm
36 mm
10 mm
1.2 mm
12 g
150
DLO1-24-0001



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com