Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC831G-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULC831G-AF5-R
Description  MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULC831G-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULC831G-AF5-R Datasheet HTML 1Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 2Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 3Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 4Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 5Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 6Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ULC831
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 7
www.unisonic.com.tw
QW-R104-012..a
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage, +VS to -VS
6
V
VIN Differential
±2.5
V
Voltage at Input/Output Pins
(-VS) - 0.3~(+VS) + 0.3
V
Junction Temperature
TJ
+150
°C
Operating Temperature Range
TOPR
-40~ +85
°C
Storage Temperature
TSTG
-65~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS
(+VS=1.4V, -VS=0V, VCM=+VS/2 and VO=-VS, TA=25°C,unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCM=0.3V
300
1200
nA
Supply Current
IS
VCM=1.1V
250
1200
nA
VCM=0V
0.5
mV
Input Offset Voltage
VOS
VCM=1.4V
0.5
mV
Input Offset Average Drift
2
µV/°C
VCM Stepped from 0V to 0.3V
65
dB
VCM Stepped from 0.8V to 1.4V
75
dB
Common Mode Rejection Ratio
CMRR
VCM Stepped from 0V to 1.4V
75
dB
Power Supply Rejection Ratio
PSRR
VS=1.8V~5.5V, VCM=0V
95
dB
Large Signal Voltage Gain
AVO
100
dB
VS=1.8V, IO=500
μA
1.598
1.669
V
-40°C
≤ TA ≤ +85°C
1.581
V
VS=1.8V, IO=1mA
1.324
1.508
V
Output Swing High
VOH
-40°C
≤ TA ≤ +85°C
1.288
V
VS=1.8V, IO=-500
μA
82
112
mV
-40°C
≤ TA ≤ +85°C
127
mV
VS=1.8V, IO=-1mA
167
225
mV
Output Swing Low
VOL
-40°C
≤ TA ≤ +85°C
253
mV
Source
0.7
mA
Output Current
IOUT
Sink
2.0
mA
Overdrive=10mV
12
μs
Propagation Delay (High to Low)
Overdrive=100mV
6
μs
Overdrive=10mV
26
μs
Propagation Delay (Low to High)
Overdrive=100mV
17
μs
Overdrive=10mV, CL=30pF,
RL=1M
Ω
220
ns
Rise Time
tRise
Overdrive=100mV, CL=30pF,
RL=1M
Ω
220
ns
Overdrive=10mV, CL=30pF,
RL=1M
Ω
155
ns
Fall Time
tFall
Overdrive=100mV, CL=30pF,
RL=1M
Ω
155
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com