Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC831G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULC831G-AF5-R
Description  MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULC831G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULC831G-AF5-R Datasheet HTML 1Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 2Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 3Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 4Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 5Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 6Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
ULC831
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R104-012.a
M I CRO-POWER, CM OS I N PU T ,
RRI O, 1 .4 V , PU SH -PU LL
OOU T PU T COM PARAT OR
DESCRI PT I ON
The UTC ULC831 is a push-pull output comparator, allowing
operation from 1.4V-5.5V. It has the best-in-class power supply
current versus propagation delay performance. It features as low
as 6
μs response time with 100mV overdrive at 1.4V, and it has an
ultra low power supply current of 300nA (TYP).
The UTC ULC831 series is ideally suited for RC timers,
Window Detectors, IR Receivers, Multivibrators, Alarm and
Monitoring Circuits.
The UTC ULC831 is available in Green SOT-25 space-saving
packages. It is rated over the -40°C to +85°C temperature range.
FEAT U RES
* Very Low Supply Current: 300nA (TYP) at VS=1.4V
* Wide Supply Voltage Range: 1.4V~5.5V
* Rail-to-Rail Input
* High Speed: 6
μs (TYP) at VS=1.4V
* Push-Pull Output Current Drive: 19mA (TYP) at VS=5V
* -40°C~+85°C Operating Temperature Range
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULC831L-AF5-R
ULC831G-AF5-R
SOT-25
Tape Reel
M ARK I N G


Similar Part No. - ULC831G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ULC-1.5FT-SMSM MINI-ULC-1.5FT-SMSM Datasheet
331Kb / 3P
Ultra-Flexible Test Cable
ULC-1.5FT-SMSM+ MINI-ULC-1.5FT-SMSM+ Datasheet
331Kb / 3P
Ultra-Flexible Test Cable
ULC-10FT-NMNM MINI-ULC-10FT-NMNM Datasheet
332Kb / 3P
Ultra-Flexible Test Cable
ULC-10FT-NMNM+ MINI-ULC-10FT-NMNM+ Datasheet
332Kb / 3P
Ultra-Flexible Test Cable
ULC-10FT-SMSM MINI-ULC-10FT-SMSM Datasheet
334Kb / 3P
Ultra-Flexible Test Cable
More results

Similar Description - ULC831G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
Single CMOS Comparator (Push Pull/Open Drain Output)
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
ISL28915 INTERSIL-ISL28915 Datasheet
328Kb / 10P
Nano Power, Push/Pull Output Comparator
logo
Texas Instruments
LPV7215 TI1-LPV7215_14 Datasheet
1Mb / 28P
LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Intersil Corporation
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
325Kb / 10P
Nano Power, Push/Pull Output Comparator
July 12, 2012
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Renesas Technology Corp
ISL28915 RENESAS-ISL28915 Datasheet
582Kb / 10P
Nano Power, Push/Pull Output Comparator
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com