Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC831G-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # ULC831G-AF5-R
Description  MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULC831G-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  ULC831G-AF5-R Datasheet HTML 1Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 2Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 3Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 4Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 5Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 6Page - Unisonic Technologies ULC831G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ULC831
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 7
www.unisonic.com.tw
QW-R104-012..a
ELECT RI CAL CH ARACT ERI ST I CS (Cont .)
(+VS=2.5V, -VS=0V, VCM=+VS/2 and VO=-VS, TA=25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCM=0.3V
310
nA
Supply Current
IS
VCM=2.2V
260
nA
VCM=0V
0.5
mV
Input Offset Voltage
VOS
VCM=2.5V
0.5
mV
Input Offset Average Drift
2
µV/°C
VCM Stepped from 0V to 1.4V
75
dB
VCM Stepped from 1.9V to 2.5V
80
dB
Common Mode Rejection Ratio
CMRR
VCM Stepped from 0V to 2.5V
80
dB
Power Supply Rejection Ratio
PSRR
VS=1.8V~5.5V, VCM=0V
95
dB
Large Signal Voltage Gain
AVO
100
dB
IO=500
μA
2.419
V
Output Swing High
VOH
IO=1mA
2.333
V
IO=-500
μA
66
mV
Output Swing Low
VOL
IO=-1mA
133
mV
Source
5.3
mA
Output Current
IOUT
Sink
7.7
mA
Overdrive=10mV
12
μs
Propagation Delay (High to Low)
Overdrive=100mV
5
μs
Overdrive=10mV
28
μs
Propagation Delay (Low to High)
Overdrive=100mV
19
μs
Overdrive=10mV, CL=30pF,
RL=1M
Ω
120
ns
Rise Time
tRise
Overdrive=100mV, CL=30pF,
RL=1M
Ω
120
ns
Overdrive=10mV, CL=30pF,
RL=1M
Ω
85
ns
Fall Time
tFall
Overdrive=100mV, CL=30pF,
RL=1M
Ω
70
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com