Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9042 Datasheet(PDF) 34 Page - OKI electronic componets

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 Datasheet(HTML) 34 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 30Page - OKI electronic componets ML9042 Datasheet HTML 31Page - OKI electronic componets ML9042 Datasheet HTML 32Page - OKI electronic componets ML9042 Datasheet HTML 33Page - OKI electronic componets ML9042 Datasheet HTML 34Page - OKI electronic componets ML9042 Datasheet HTML 35Page - OKI electronic componets ML9042 Datasheet HTML 36Page - OKI electronic componets ML9042 Datasheet HTML 37Page - OKI electronic componets ML9042 Datasheet HTML 38Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
34/58
5) Cursor/Display Shift
RS1
1
RS0
0
R/
W
0
DB7
0
DB6
0
DB5
0
DB4
1
DB3
S/C
DB2
R/L
DB1
×
DB0
×
Instruction code:
×: Don’t Care
S/C = “0”, R/L = “0”
This instruction shifts left the cursor and blink positions by 1 (decrements the
content of the ADC by 1).
S/C = “0”, R/L = “1”
This instruction shifts right the cursor and blink positions by 1 (increments the
content of the ADC by 1).
S/C = “1”, R/L = “0”
This instruction shifts left the entire display by 1 character position. The cursor
and blink positions move to the left together with the entire display.
The Arbitrator display is not shifted.
(The content of the ADC remains unchanged.)
S/C = “1”, R/L = “1”
This instruction shifts right the entire display by 1 character position. The cursor
and blink positions move to the right together with the entire display.
The Arbitrator display is not shifted.
(The content of the ADC remains unchanged.)
In the 2-line mode, the cursor or blink moves from the first line to the second line when the cursor at digit 40
(27; hex) of the first line is shifted right.
When the entire display is shifted, the character pattern, cursor or blink will not move between the lines (from
line 1 to line 2 or vice versa).
Note:
The execution time of this instruction is 37
µs at an oscillation frequency (OSC) of 270 kHz.
6) Function Setting
RS1
1
RS0
0
R/
W
0
DB7
0
DB6
0
DB5
1
DB4
DL
DB3
N
DB2
ABE
DB1
SSR
DB0
CSR
×: Don’t Care
Instruction code:
(1)
When the “DL” bit (DB4) of this instruction is “1”, the data transfer to and from the CPU is performed
once by the use of 8 bits DB7 to DB0.
When the “DL” bit (DB4) of this instruction is “0”, the data transfer to and from the CPU is performed
twice by the use of 4 bits DB7 to DB4.
(2)
The 2-line display mode is selected when the “N” bit (DB3) of this instruction is “1”. The 1-line display
mode is selected when the “N” bit is “0”.
The arbitrator is displayed when the “ABE” bit (DB2) of this instruction is “1”.
The arbitrator is not displayed when the “ABE” bit (DB2) of this instruction is “0”.
(3)
The transfer direction of the segment signal output data is controlled.
When the “SSR” bit (DB1) of this instruction is “1”, the data is transferred from SEG100 to SEG1.
When the “SSR” bit (DB1) of this instruction is “0”, the data is transferred from SEG1 to SEG100.
The transfer direction of the common signal output data is controlled.
At 1/n duty,
When the “CSR” bit (DB0) of this instruction is “1”, the data is transferred from COMn to COM1.
When the “CSR” bit (DB0) of this instruction is “0”, the data is transferred from COM1 to COMn.
After the ML9042 is powered on, this function setting should be carried out before execution of any
instruction except the Busy Flag Read. After this function setting, no instructions other than the DL Set
instruction can be executed. In the Serial I/F Mode, DL setting is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com