Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9042 Datasheet(PDF) 41 Page - OKI electronic componets

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 Datasheet(HTML) 41 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 37Page - OKI electronic componets ML9042 Datasheet HTML 38Page - OKI electronic componets ML9042 Datasheet HTML 39Page - OKI electronic componets ML9042 Datasheet HTML 40Page - OKI electronic componets ML9042 Datasheet HTML 41Page - OKI electronic componets ML9042 Datasheet HTML 42Page - OKI electronic componets ML9042 Datasheet HTML 43Page - OKI electronic componets ML9042 Datasheet HTML 44Page - OKI electronic componets ML9042 Datasheet HTML 45Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
41/58
(3)
Driving the LCD of two 20-character lines under the conditions of the 2-line display mode and no arbitrator
display
(1/16 duty, ABE = “0”, AS = “0” or “1”, CSR = “0”, SSR = “1”)
COM1
COM8
SEG100
SEG1
ML9042
COM9
COM16
Character
Character
• COM
17 outputs Display-OFF common signal.
(1/16 duty, ABE = “0”, AS = “0” or “1”, CSR = “1”, SSR = “0”)
COM16
COM9
SEG1
SEG100
ML9042
COM8
COM1
Character
Character
• COM
17 outputs Display-OFF common signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com