Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9042 Datasheet(PDF) 49 Page - OKI electronic componets

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 Datasheet(HTML) 49 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 45Page - OKI electronic componets ML9042 Datasheet HTML 46Page - OKI electronic componets ML9042 Datasheet HTML 47Page - OKI electronic componets ML9042 Datasheet HTML 48Page - OKI electronic componets ML9042 Datasheet HTML 49Page - OKI electronic componets ML9042 Datasheet HTML 50Page - OKI electronic componets ML9042 Datasheet HTML 51Page - OKI electronic componets ML9042 Datasheet HTML 52Page - OKI electronic componets ML9042 Datasheet HTML 53Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
49/58
An example of instruction code for 9)
RS1
1
RS0
0
R/W
0
DB7
0
DB6
0
DB5
1
DB4
0
*: From 11), input data twice by the use of 4-bit data.
*: In 13), check the Busy Flag for No Busy before executing each instruction.
(c)
Data transfer from and to the CPU using the serial I/F
1)
Turn on the power.
2)
Wait for 15 ms or more after VDD has reached 2.7 V or higher.
3)
Check the busy flag for No Busy.
4)
Set “Number of LCD lines” and “Font size” with the Function Setting Instruction. (After this, the
number of LCD lines and the font size cannot be changed.)
5)
Check the busy flag for No Busy.
6)
Execute the Display ON/OFF control Instruction, the Display Clear Instruction, the Entry Mode
Instruction and the Arbitrator Display Line Setting Instruction.
7)
Check the busy flag for No Busy.
8)
Initialization is completed.
*: In 6), check the Busy Flag for No Busy before executing each instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com