Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST486DX2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST486DX2
Description  ST 486 DX ASIC CORE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486DX2 Datasheet(HTML) 1 Page - STMicroelectronics

  ST486DX2 Datasheet HTML 1Page - STMicroelectronics ST486DX2 Datasheet HTML 2Page - STMicroelectronics ST486DX2 Datasheet HTML 3Page - STMicroelectronics ST486DX2 Datasheet HTML 4Page - STMicroelectronics ST486DX2 Datasheet HTML 5Page - STMicroelectronics ST486DX2 Datasheet HTML 6Page - STMicroelectronics ST486DX2 Datasheet HTML 7Page - STMicroelectronics ST486DX2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 1995
1/8
ST 486 DX ASIC CORE
Fully Static 3.3V 486 DX/DX2/DX4 ASIC CORE
PRELIMINARY DATA
s
Fully Static 486 compatible core able to
operate from D.C to 120MHz
s
Manufactured in a 0.35 micron five layer
metal HCMOS process
s
8K byte unified instruction and data cache
with write back capability
s
Parallel processing integral floating point unit,
with automatic power down mode
s
Low Power system management modes
s
Cell libraries for 2.2V and 3.3V supply with
5 V I/O interface capability
s
2 - input NAND delay of 0.160 ns (typ) with
fanout = 2.
s
Broad I/O functionality including LVCMOS,
LVTTL, GTL, PECL, and LVDS.
s
High drive I/O; capability of sinking up to 48
mA with slew rate control, current spike sup-
pression and impedance matching.
s
Generators to support SPRAM, DPRAM,
ROM and many other embedded functions.
s
Fully independent power and ground configu-
rations for inputs, core and outputs.
s
Programmable I/O ring capability up to 1000
pads.
s
Output buffers capable of driving ISA, EISA,
PCI, MCA, and SCSI interface levels.
s
Active pull up and pull down devices.
s
Buskeeper I/O functions.
s
Oscillators for wide frequency spectrum.
s
Broad range of 400 SSI cells.
s
Design For Test includes LSSD macro library
option and IEEE 1149.1 JTAG Boundary
Scan architecture built in.
s
Cadence based design system with inter-
faces from multiple workstations.
s
Broad ceramic and plastic package range.
s
Latchup trigger current > +/- 500 mA.
ESD protection > +/- 4000 volts.
Se a o f G at e s
S t a n d ar d C e lls
C u s t o m I/ O
Pr o g ra m m a b le
I/O
e .g RAM DAC
SV G A
CHIP S E T / P C I
ID E / IS A
48 6 D X C O R E
RO M
RAM
DP RAM
Figure 1. Example 486 DX Core ASIC


Similar Part No. - ST486DX2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST486DX STMICROELECTRONICS-ST486DX Datasheet
156Kb / 34P
PROGRAMMING MANUAL
Nov-1994
More results

Similar Description - ST486DX2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
ASIC
logo
List of Unclassifed Man...
M1EN ETC1-M1EN Datasheet
44Kb / 6P
CMOS ASIC encoder
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
0.18um Structured ASIC
logo
ATMEL Corporation
TWI2 ATMEL-TWI2 Datasheet
73Kb / 4P
32-bit Embedded ASIC Core Peripheral
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
logo
Intel Corporation
UG80486DX4WB100 INTEL-UG80486DX4WB100 Datasheet
18Mb / 234P
Intel486 DX MICROPROCESSOR
logo
Texas Instruments
NS486SXF TI1-NS486SXF Datasheet
482Kb / 46P
Optimized 32-Bit 486-Class Controller
logo
List of Unclassifed Man...
ET9000 ETC2-ET9000 Datasheet
2Mb / 46P
486 WRITE BACK CACHE "AT" SINGLE CHIP
logo
Agilent(Hewlett-Packard...
PR7000-1421 HP-PR7000-1421 Datasheet
249Kb / 2P
CFTR MASTR Dx
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com