Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2007S Datasheet(PDF) 1 Page - Anachip Corp

Part # AP2007S
Description  Synchronous PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2007S Datasheet(HTML) 1 Page - Anachip Corp

  AP2007S Datasheet HTML 1Page - Anachip Corp AP2007S Datasheet HTML 2Page - Anachip Corp AP2007S Datasheet HTML 3Page - Anachip Corp AP2007S Datasheet HTML 4Page - Anachip Corp AP2007S Datasheet HTML 5Page - Anachip Corp AP2007S Datasheet HTML 6Page - Anachip Corp AP2007S Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP2007
Synchronous PWM Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Apr 1, 2005
1/7
Features
- Single 4.5V to 20V Supply Application
- 0.8V + 2.0% Voltage Reference
- Virtual Frequency Control
TM
- Fast Transient Response
- Synchronous Operation for High Efficiency (93%)
- Short Circuit Protect
- Small Size with Minimum External Components
- Soft Start and Enable Functions
- Under Voltage Lockout Function
- SOP-8L Pb-Free Package
Applications
- Microprocessor Core Supply
- Low Cost Synchronous Applications
- Voltage Regulator Modules (VRM)
- Networking Power Supplies
- Sequenced Power Supplies
- Telecommunication Power Supplies.
General Description
The AP2007 is a low-cost, full featured, synchronous
voltage-mode controller designed for use in single
ended power supply applications where efficiency is
of primary concern. Synchronous operation allows
for the elimination of heat sinks in many applications.
The AP2007 is ideal for implementing DC/DC
converters
needed
to
power
advanced
microprocessors in low cost systems or in distributed
power applications where efficiency is important.
High-side drive circuitry, and preset shoot-thru
control,
allows
the
use
of
inexpensive
1P+1N-channel power switches.
AP2007’s
features
include
temperature
compensated voltage reference, Virtual Frequency
Control
TM
method to reduce external component count,
an internal 200KHz virtual frequency oscillator,
under-voltage
lockout
protection,
soft-start,
shutdown function and current sense comparator
circuitry.
Virtual Frequency Control is a trademark of
PWRTEK, LLC.
Pin Assignments
SOP-8L
1
(Top View)
VCC
V
REF
PHASE
DRVP
DRVN
FB
GND
AP2007
2
3
4
5
6
7
8
SS/SHDN
Ordering Information
AP2007 X X
Package
Packing
S: SOP-8L
Blank : Tube
A : Taping
Pin Descriptions
Name
Description
VCC
Chip supply voltage
VREF
Reference voltage
PHASE
Input from the phase node between
the MOSFETs
DRVP
High side driver output (P MOSFET)
GND
Ground
DRVN
Low side driver output (N MOSFET)
FB
Feedback input
SS/ SHDN
Soft start, a capacitor to ground sets
the slow start time / Shutdown
function


Similar Part No. - AP2007S

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
AP200 CAMPBELL-AP200 Datasheet
439Kb / 2P
CO2/H20 Atmospheric Profile System
01/15/2020
logo
LEM
AP200-B10 LEM-AP200-B10 Datasheet
56Kb / 2P
AC Current transducer AP-B10
AP200-B420L LEM-AP200-B420L Datasheet
56Kb / 2P
AC Current transducer AP-B420L
logo
Advanced Semiconductor
AP2000A-00 ASI-AP2000A-00 Datasheet
14Kb / 1P
SILICON PIN DIODE CHIP
logo
Anachip Corp
AP2001 ANACHIP-AP2001 Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
More results

Similar Description - AP2007S

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
Synchronous PWM Controller
Rev. 0.1 Feb.10, 2004
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
Synchronous PWM Controller
Rev. 0.2 Apr 14, 2004
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
Synchronous PWM Controller
November, 2009 ??Rev. P1
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
Synchronous PWM Controller
May, 2010 ??Rev. 0
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
Synchronous PWM Controller
November, 2010 ??Rev. 3
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
Synchronous PWM Controller
June, 2011 ??Rev. 3
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
Synchronous PWM Controller
April, 2011 ??Rev. 1
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
Synchronous PWM Controller
September, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com