Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2007S Datasheet(PDF) 2 Page - Anachip Corp

Part # AP2007S
Description  Synchronous PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2007S Datasheet(HTML) 2 Page - Anachip Corp

  AP2007S Datasheet HTML 1Page - Anachip Corp AP2007S Datasheet HTML 2Page - Anachip Corp AP2007S Datasheet HTML 3Page - Anachip Corp AP2007S Datasheet HTML 4Page - Anachip Corp AP2007S Datasheet HTML 5Page - Anachip Corp AP2007S Datasheet HTML 6Page - Anachip Corp AP2007S Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP2007
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.0 Apr 1, 2005
2/7
Block Diagram
CROSS
CURRENT
CONTROL
DRVN
VIRTUAL FREQ
OSCILLATOR
DRVP
R Q
S
Q S
QB R
+
-
+
-
+
-
+
-
VOLTAGE
REFERENCE
+
-
VCC
0.8V
UNDER
VOLTAGE
ERROR
COMP
VCC
12ua
2ua
0.2V
0.9V
SS/SHDN
FB
GND
OCSET
PHASE
VCC
DRVP
DRVN
AP2007 FUNCTIONAL BLOCK DIAGRAM
Virtual Frequency Control - Patent
Number 6,456,050.
V
REF
-
+
0.4V
-
+
0.4V
Absolute Maximum Ratings
Symbol
Parameter
Range.
Unit
VIN
VCC to GND
-1 to 22
V
VPHASE
PHASE to GND
-1 to 22
V
VDRVP
DRVP to GND
-1 to 22
V
VDRVN
DRVN to GND
-1 to 22
V
θJC
Thermal Resistance Junction to Case
90
oC/W
θJA
Thermal Resistance Junction to Ambient
250
oC/W
TOP
Operating Temperature Range
-40 to +85
oC
TST
Storage Temperature Range
-65 to +150
oC
TLEAD
Lead Temperature (Soldering) 10 Sec.
300
oC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com