Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2007S Datasheet(PDF) 3 Page - Anachip Corp

Part # AP2007S
Description  Synchronous PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2007S Datasheet(HTML) 3 Page - Anachip Corp

  AP2007S Datasheet HTML 1Page - Anachip Corp AP2007S Datasheet HTML 2Page - Anachip Corp AP2007S Datasheet HTML 3Page - Anachip Corp AP2007S Datasheet HTML 4Page - Anachip Corp AP2007S Datasheet HTML 5Page - Anachip Corp AP2007S Datasheet HTML 6Page - Anachip Corp AP2007S Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP2007
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.0 Apr 1, 2005
3/7
Electrical Characteristics
Unless specified: VCC =12V; GND = 0V;VO = 5V; TJ = 25
oC
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supply
VCC
Supply Voltage
(Recommended)
4.5
-
20
V
ICC
Supply Current
DRVP & DRVN are floating
-
9.5
-
mA
∆VLINE Line Regulation
VO = 2.5V
-
0.5
%
Error Comparator
AOL
Gain (AOL)
-
70
-
dB
IB
Input Bias
-
0.2
1
uA
Oscillator
FOSC
Oscillator Frequency
-
200
-
KHz
DCMAX Oscillator Max Duty Cycle
80
85
-
%
Mofset Drivers
IDRVP
DRVP Source/Sink
VCC – VDRVP =3V
VDRVP – VGND = 2V
0.5
1
-
A
IDRVN
DRVN Source/Sink
VCC – VDRVN = 3V
VDRVL – VGND = 2V
0.5
1
-
A
VDRVL
DRVP/N Low Level Voltage
-
-
1.2
V
VDRVH
DRVP/N High Level Voltage
VCC-1.2
-
-
V
Protection
TDEAD
Dead Time
DRVP & DRVN are floating
-
150
-
nS
Vocset Over Current Setting Voltage
0.4
V
VDRVP/N
DRVP/DRVN System Error
Voltage (Note3)
VSS=Low, VCC<3.8,
over current happen
VCC-1.2
-
-
V
Reference
Reference Voltage
0.784
0.8
0.816
V
VREF
Accuracy
0
oC to 70oC
-2
-
+ 2
%
Soft Start
ISSC
Charge Current
VSS = 1.5V
8.0
10
12
uA
ISSD
Discharge Current
VSS = 1.5V
1.3
2
2.7
uA
Under voltage lockout (UVLO)
VUT
Upper Threshold Voltage (VCC)-
4.0
-
V
VLWT
Lower Threshold Voltage (VCC)-
3.8
-
V
VHT
Hysteresis (VCC)
-
200
-
mV
Note 1. Specification refers to Typical Application Circuit.
Note 2. This device is ESD sensitive. Use of standard ESD handling precautions is required.
Note 3. Abnormal condition; Ex: over-current, under-voltage lockout, soft-start disappear.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com