Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1119DBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1119DBVR
Description  5-V, Low-Leakage-Current, 2:1 Precision Multiplexer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1119DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1119DBVR Datasheet HTML 17Page - Texas Instruments TMUX1119DBVR Datasheet HTML 18Page - Texas Instruments TMUX1119DBVR Datasheet HTML 19Page - Texas Instruments TMUX1119DBVR Datasheet HTML 20Page - Texas Instruments TMUX1119DBVR Datasheet HTML 21Page - Texas Instruments TMUX1119DBVR Datasheet HTML 22Page - Texas Instruments TMUX1119DBVR Datasheet HTML 23Page - Texas Instruments TMUX1119DBVR Datasheet HTML 24Page - Texas Instruments TMUX1119DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TMUX1119
SEL
S1
D
S2
21
TMUX1119
www.ti.com
SCDS401 – DECEMBER 2018
Product Folder Links: TMUX1119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Functional Block Diagram
The TMUX1119 is an 2:1, 1-ch. (SPDT), analog switch where the input is controlled with a single select (SEL)
control pin.
Figure 25. TMUX1119 Functional Block Diagram
8.2 Feature Description
8.2.1 Bidirectional Operation
The TMUX1119 conducts equally well from source (Sx) to drain (D) or from drain (D) to source (Sx). The device
has very similar characteristics in both directions and supports both analog and digital signals.
8.2.2 Rail to Rail Operation
The valid signal path input/output voltage for TMUX1119 ranges from GND to VDD.
8.2.3 1.8 V Logic Compatible Inputs
The TMUX1119 has 1.8-V logic compatible control for the logic control input (SEL). The logic input threshold
scales with supply but still provide 1.8-V logic control when operating at 5.5 V supply voltage. 1.8-V logic level
inputs allow the TMUX1119 to interface with processors that have lower logic I/O rails and eliminates the need
for an external translator, which saves both space and BOM cost. For more information on 1.8 V logic
implementations refer to Simplifying Design with 1.8 V logic Muxes and Switches
8.2.4 Fail-Safe Logic
The TMUX1119 supports Fail-Safe Logic on the control input pin (SEL) allowing for operation up to 5.5 V,
regardless of the state of the supply pin. This feature allows voltages on the control pin to be applied before the
supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system complexity by
removing the need for power supply sequencing on the logic control pins. For example, the Fail-Safe Logic
feature allows the select pin of the TMUX1119 to be ramped to 5.5 V while VDD = 0 V. Additionally, the feature
enables operation of the TMUX1119 with VDD = 1.2 V while allowing the select pin to interface with a logic level
of another device up to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com