Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1119DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1119DBVR
Description  5-V, Low-Leakage-Current, 2:1 Precision Multiplexer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1119DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX1119DBVR Datasheet HTML 3Page - Texas Instruments TMUX1119DBVR Datasheet HTML 4Page - Texas Instruments TMUX1119DBVR Datasheet HTML 5Page - Texas Instruments TMUX1119DBVR Datasheet HTML 6Page - Texas Instruments TMUX1119DBVR Datasheet HTML 7Page - Texas Instruments TMUX1119DBVR Datasheet HTML 8Page - Texas Instruments TMUX1119DBVR Datasheet HTML 9Page - Texas Instruments TMUX1119DBVR Datasheet HTML 10Page - Texas Instruments TMUX1119DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
TMUX1119
www.ti.com
SCDS401 – DECEMBER 2018
Product Folder Links: TMUX1119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
When VS is 3 V, VD is 1 V, and vice versa.
6.6 Electrical Characteristics (VDD = 3.3 V ±10 %)
at TA = 25°C, VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = 0 V to VDD
ISD = 10 mA
Refer to On-Resistance
25°C
3.7
8.8
Ω
–40°C to +85°C
9.5
Ω
–40°C to +125°C
9.8
Ω
ΔRON
On-resistance matching between
channels
VS = 0 V to VDD
ISD = 10 mA
Refer to On-Resistance
25°C
0.13
Ω
–40°C to +85°C
0.4
Ω
–40°C to +125°C
0.5
Ω
RON
FLAT
On-resistance flatness
VS = 0 V to VDD
ISD = 10 mA
Refer to On-Resistance
25°C
1.9
Ω
–40°C to +85°C
2
Ω
–40°C to +125°C
2.2
Ω
IS(OFF)
Source off leakage current(1)
VDD = 3.3 V
Switch Off
VD = 3 V / 1 V
VS = 1 V / 3 V
Refer to Off-Leakage Current
25°C
–0.05
±0.001
0.05
nA
–40°C to +85°C
–0.1
0.1
nA
–40°C to +125°C
–0.5
0.5
nA
ID(ON)
IS(ON)
Channel on leakage current
VDD = 3.3 V
Switch On
VD = VS = 3 V / 1 V
Refer to On-Leakage Current
25°C
–0.1
±0.005
0.1
nA
–40°C to +85°C
–0.35
0.35
nA
–40°C to +125°C
–2
2
nA
LOGIC INPUTS (SEL)
VIH
Input logic high
–40°C to +125°C
1.35
5.5
V
VIL
Input logic low
–40°C to +125°C
0
0.8
V
IIH
IIL
Input leakage current
25°C
±0.005
µA
IIH
IIL
Input leakage current
-40°C to 125°C
±0.05
µA
CIN
Logic input capacitance
25°C
1
pF
CIN
Logic input capacitance
–40°C to +125°C
2
pF
POWER SUPPLY
IDD
VDD supply current
Logic inputs = 0 V or 5.5 V
25°C
0.003
µA
–40°C to +125°C
0.8
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com