Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1119DBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1119DBVR
Description  5-V, Low-Leakage-Current, 2:1 Precision Multiplexer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1119DBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX1119DBVR Datasheet HTML 18Page - Texas Instruments TMUX1119DBVR Datasheet HTML 19Page - Texas Instruments TMUX1119DBVR Datasheet HTML 20Page - Texas Instruments TMUX1119DBVR Datasheet HTML 21Page - Texas Instruments TMUX1119DBVR Datasheet HTML 22Page - Texas Instruments TMUX1119DBVR Datasheet HTML 23Page - Texas Instruments TMUX1119DBVR Datasheet HTML 24Page - Texas Instruments TMUX1119DBVR Datasheet HTML 25Page - Texas Instruments TMUX1119DBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
S
D
CGDP
CGDN
CGSN
CGSP
OFF ON
OFF ON
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-3
-2
-1
0
1
2
3
I(ON)
IS(OFF)
D008
22
TMUX1119
SCDS401 – DECEMBER 2018
www.ti.com
Product Folder Links: TMUX1119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.2.5 Ultra-low Leakage Current
The TMUX1119 provides extremely low on-leakage and off-leakage currents. The TMUX1119 is capable of
switching signals from high source-impedance inputs into a high input-impedance op amp with minimal offset
error because of the ultra-low leakage currents. Figure 26 shows typical leakage currents of the TMUX1119
versus temperature.
Figure 26. Leakage Current vs Temperature
8.2.6 Ultra-low Charge Injection
The TMUX1119 has a transmission gate topology, as shown in Figure 27. Any mismatch in the stray capacitance
associated with the NMOS and PMOS causes an output level change whenever the switch is opened or closed.
Figure 27. Transmission Gate Topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com