Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63203 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP63203
Description  LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63203 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP63203 Datasheet HTML 10Page - Diodes Incorporated AP63203 Datasheet HTML 11Page - Diodes Incorporated AP63203 Datasheet HTML 12Page - Diodes Incorporated AP63203 Datasheet HTML 13Page - Diodes Incorporated AP63203 Datasheet HTML 14Page - Diodes Incorporated AP63203 Datasheet HTML 15Page - Diodes Incorporated AP63203 Datasheet HTML 16Page - Diodes Incorporated AP63203 Datasheet HTML 17Page - Diodes Incorporated AP63203 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AP63200/AP63201/AP63203/AP63205
Application Information (continued)
12
Output Capacitor
The output capacitor keeps the output voltage ripple small, ensures feedback loop stability, and reduces the overshoot/undershoot of the output
voltage during load transients. During the first few milliseconds of a load transient, the output capacitor supplies the current to the load. The
converter recognizes the load transient and sets the duty cycle to maximum but the current slope is limited by the inductor value.
The output capacitor, COUT, requirements can be calculated from equations Eq. 9 and Eq. 10.
The ESR of the output capacitor dominates the output voltage ripple. The amount of ripple can be calculated from Eq. 9:
��������������������=∆����∙������
Eq. 9
An output capacitor with large capacitance and low ESR is the best option. For most applications, a 22µF to 68µF ceramic capacitor is sufficient.
To meet the load transient requirement, COUT should be greater than the following calculated from Eq. 10:
��������> ��∙���������+∆���������
(
∆��+��������)��−����������
Eq. 10
Where
ΔV is the maximum output overshoot voltage.
13
Bootstrap Capacitor
To ensure the proper operation, a ceramic capacitor must be connected between the BST and SW pins. A 100nF ceramic capacitor is sufficient. If
the BST capacitor voltage falls below 2.3V, the boot undervoltage protection circuit turns Q2 on for 220ns to refresh the BST capacitor and raise its
voltage back above 2.85V. The BST capacitor voltage threshold is always maintained to ensure enough driving capability for Q1. This operation
may arise during long periods of no switching such as in PFM with light load conditions. Another event requires the refreshing of the BST capacitor
is when the input voltage drops close to the output voltage. Under this condition, the regulator enters low dropout mode by holding Q1 on for
multiple clock cycles. To prevent the BST capacitor from discharging, Q2 is forced to refresh. The effective duty cycle is approximately 100% so that
it acts as an LDO to maintain the output voltage regulation.
AP63200/AP63201/AP63203/AP63205
Document number: DS41326 Rev. 2 - 2
14 of 18
www.diodes.com
January 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com