Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63203 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP63203
Description  LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63203 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP63203 Datasheet HTML 10Page - Diodes Incorporated AP63203 Datasheet HTML 11Page - Diodes Incorporated AP63203 Datasheet HTML 12Page - Diodes Incorporated AP63203 Datasheet HTML 13Page - Diodes Incorporated AP63203 Datasheet HTML 14Page - Diodes Incorporated AP63203 Datasheet HTML 15Page - Diodes Incorporated AP63203 Datasheet HTML 16Page - Diodes Incorporated AP63203 Datasheet HTML 17Page - Diodes Incorporated AP63203 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AP63200/AP63201/AP63203/AP63205
Ordering Information
Please see http://www.diodes.com/package-outlines.html for additional latest information such as Mechanical Data and Device Tape Orientation.
AP6320X XX - X
Packing
Product Version
Package
7 : Tape & Reel
WU : TSOT26
0: AP63200
1: AP63201
3: AP63203
5: AP63205
Part Number
Mode
Frequency
VOUT
Package Code
Tape and Reel
Quantity
Part Number Suffix
AP63200WU-7
PWM/PFM
500kHz
Adjustable
WU
3000
-7
AP63201WU-7
PWM Only
500kHz
Adjustable
WU
3000
-7
AP63203WU-7
PWM/PFM
1100kHz
3.3V
WU
3000
-7
AP63205WU-7
PWM/PFM
1100kHz
5V
WU
3000
-7
Marking Information
TSOT26
1
2
3
6
4
X X Y W X
XX : Identification Code
Y : Year 0~9
X : Internal Code
(Top View)
5
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP63200WU-7
TSOT26
T2
AP63201WU-7
TSOT26
T3
AP63203WU-7
TSOT26
T4
AP63205WU-7
TSOT26
T5
AP63200/AP63201/AP63203/AP63205
Document number: DS41326 Rev. 2 - 2
16 of 18
www.diodes.com
January 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com