Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63203 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP63203
Description  LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63203 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP63203 Datasheet HTML 10Page - Diodes Incorporated AP63203 Datasheet HTML 11Page - Diodes Incorporated AP63203 Datasheet HTML 12Page - Diodes Incorporated AP63203 Datasheet HTML 13Page - Diodes Incorporated AP63203 Datasheet HTML 14Page - Diodes Incorporated AP63203 Datasheet HTML 15Page - Diodes Incorporated AP63203 Datasheet HTML 16Page - Diodes Incorporated AP63203 Datasheet HTML 17Page - Diodes Incorporated AP63203 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AP63200/AP63201/AP63203/AP63205
Layout
PCB Layout
1.
The AP63200/AP63201/AP63203/AP63205 device works at 2A current load, so heat dissipation is a major concern in the layout of the PCB.
2oz copper for both the top and bottom layers is recommended.
2.
Provide sufficient vias for the input and output capacitors’ GND side to dissipate heat to the bottom layer.
3.
Make the bottom layer under the device as the GND layer for heat dissipation. The GND layer should be as large as possible to provide
better thermal effect.
4.
Place the VIN capacitors as close to the device as possible.
5.
Place the feedback components as close to FB as possible.
6.
See Figure 25 for reference.
C1
C2
L1
C3
R2
VIN
VOUT
SW
1
2
3
4
5
6
FB
EN
VIN
GND
SW
BST
GND
Figure 25. Recommended Layout
AP63200/AP63201/AP63203/AP63205
Document number: DS41326 Rev. 2 - 2
15 of 18
www.diodes.com
January 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com