Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6300AGDL8A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A6300AGDL8A
Description  High Efficiency Linear Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6300AGDL8A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A6300AGDL8A Datasheet HTML 1Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 2Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
A6300
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Continuous voltage at INPUT
to VSS
VINPUT
- 0.3 to + 30 V
Transients on INPUT for
t < 100 ms and duty cycle 1%
VTRANS
up to + 60 V
Reverse supply voltage on INPUT
VREV
- 20 V
Max. voltage at any signal pin
VMAX
OUTPUT + 0.3 V
Min. voltage at any signal pin
VMIN
VSS – 0.3 V
Storage temperature
TSTO
- 65 to + 150 °C
Electrostatic discharge max. to
MIL-STD-883C method 3015
VSmax
1000 V
Max. soldering conditions
TSmax
250 °C x 10 s
Table 1
Stresses
above
these
listed maximum ratings may
cause permanent damage to the device. Exposure be-
yond specified operating conditions may affect device
reliability or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precau-
tions must be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only
occur when all terminal
voltages are kept within the
supply voltage range. Unused inputs must always be
tied to a defined logic voltage level.
Operating Conditions
Parameter
Symbol Min. Typ. Max. Units
Operating junction
temperature 1)
TJ
-40
+125
°C
INPUT voltage 2)
VINPUT
2.3
26
V
OUTPUT voltage 2)3)
VOUTPUT
1.0
V
Reset output guaranteed
VOUTPUT
1.0
V
OUTPUT current 4)
IOUTPUT
100
mA
Thermal resistance from
junction to ambient 5)
- DIP8
Rth(j-a)
105 °C/W
- SO8
Rth(j-a)
160 °C/W
Table 2
1) The maximum operating temperature is confirmed by
sampling
at
initial
device
qualification.
In
production, all devices are tested at + 85 °C.
2) Full operation quaranteed. To achieve the load regu-
lation specified in Table 3 a 22 µF capacitor or
greater is required on the INPUT, see Fig. 6. The
22
µF must
have an effective resistance ≤ 5 Ω and a
resonant frequency above 500 kHz.
3) A 10 µF load capacitor and a 100 nF decoupling capa-
citor
are required on the regulator OUTPUT for
stability. The 10
µF must have an effective series
resistance of ≤ 5 Ω and a resonant frequency above
500
kHz.
4) The
OUTPUT current will not apply for all possible
combinations of input voltage and output current.
Combinations that would require the A6300 to work
above the maximum junction temperature (+125 °C )
must be avoided.
5) The
thermal
resistance
specified assumes the
package is soldered to a PCB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com