Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6300AGDL8A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A6300AGDL8A
Description  High Efficiency Linear Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6300AGDL8A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  A6300AGDL8A Datasheet HTML 1Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 2Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
A6300
Package Information
Dimensions of 8-Pin SOIC Package
Min Nom Max
A
1.35 1.63 1.75
A1 0.10 0.15 0.25
B
0.33 0.41 0.51
C
0.19 0.20 0.25
D
4.80 4.94 5.00
E
3.80 3.94 4.00
e
1.27
H
5.80 5.99 6.20
L
0.40 0.64 1.27
2
3
4
5
6
7
8
H
L
0 - 8°
C
E
A1
A
B
e
D
Dimensions in mm
Fig. 7
Dimensions of 8-Pin Plastic DIP Package
A1 A2 A
L
e
b2
eB
eA
C
b3
b
E
Dimensions in mm
1
2
3
4
5
6
7
8
Min. Nom. Max.
Min. Nom. Max.
A
5.33
D
9.01 9.27 10.16
A1
0.38
E
7.62 7.87 8.25
A2
2.92 3.30 4.95
E1
6.09 6.35 7.11
b
0.35 0.45 0.56
e
2.54
b2
1.14 1.52 1.78
eA
7.62
b3
0.76 0.99 1.14
eB
10.92
C
0.20 0.25 0.35
L
2.92 3.30 3.81
E1
Fig. 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com