Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6300AGDL8A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A6300AGDL8A
Description  High Efficiency Linear Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6300AGDL8A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A6300AGDL8A Datasheet HTML 1Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 2Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6300AGDL8A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
A6300
Timing Characteristics
V OUTPUT = 5.0 V, CL = 10 µF + 100 nF, CINPUT = 22 µF, TJ = -40 to + 85 °C, unless otherwise specified
Parameter
Symbol Test Conditions
Min.
Typ.
Max.
Units
Power-on Reset time
t
POR
25
50
75
ms
Sensitivity 1)
t
SEN
V
OUTPUT = 5 V to 3 V in 5 µs20
0.8*t
R
µs
Propagation time 1)
t
R
V
OUTPUT = 5 V to 3 V in 5 µs
22
75
200
µs
1) Tested on version with V
TH higher than 3 V
Table 4
Timing Waveforms
Voltage Monitoring
Block Diagram
V
OUTPUT
V
TH
1 V
Logic”1”
Logic”0”
Logic”1”
Logic”0”
t
POR
t
POR
t
R
tSEN
t
RES
t
RES
t
Fig.3
Voltage
Regulator
Voltage
Reference
Voltage
Reference
INPUT
V
IN
OUTPUT
Reset
Logic
Timer
V
SS
Fig. 4
RES
or
RES
Oscillator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com