Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF2768L-SM2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF2768L-SM2-R
Description  THREE-PHASE SINE-WAVE SENSOR-LESS FAN MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF2768L-SM2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UF2768L-SM2-R Datasheet HTML 1Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 2Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 3Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 4Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 5Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 6Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 7Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UF2768
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
2 of 8
www.unisonic.com.tw
QW-R140-012.a
M ARK I N G
MSOP-10
DFN3030-10
PI N CON FI GU RAT I ON
1
FG
2
3
4
56
7
8
9
10
COM
VCC
UO
FR
WO
VO
GND
OSC
PWM
Top View
DFN3030-10
1
2
7
6
8
9
4
5
3
FG
PWM
VCC
GND
COM
OSC
UO
VO
FR
WO
MSOP-10
10
10
PI N DESCRI PT I ON
PIN No.
PIN NAME
Description
1
FG
Rotation Speed Output. This is an open-drain output.
2
COM
Motor Neutral Point Input Pin
3
VCC
Supply Voltage Input Pin.
4
UO
Driver Output Pin. Output signal for driving motor phase U.
5
FR
Motor Spin Direction Control Pin.
High Level Input: U
→ V → W
Low Level Input: U
→ W → V
6
WO
Driver Output Pin. Output signal for driving motor phase W.
7
VO
Driver Output Pin. Output signal for driving motor phase V.
8
GND
Ground Pin.
9
OSC
Start-up Commutation Time Setting. Connect a capacitor to GND to set start-up
commutation time.
10
PWM
PWM Signal Input Pin. Input PWM signal to control rotation speed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com