Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF2768L-SM2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UF2768L-SM2-R
Description  THREE-PHASE SINE-WAVE SENSOR-LESS FAN MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF2768L-SM2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UF2768L-SM2-R Datasheet HTML 1Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 2Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 3Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 4Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 5Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 6Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 7Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UF2768
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 8
www.unisonic.com.tw
QW-R140-012.a
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Supply Voltage
VCC
7
V
UO/VO/WO Pin Output Current
IOUT
1
A
UO/VO/WO Pin Output Voltage
VUO/VVO/VWO
7
V
FG Pin Output Voltage
VFG
7
V
FG Pin Sink Current
IFG
10
mA
FR Pin Input Voltage
VFR
7
V
MSOP-10
0.6
W
Power Dissipation
DFN3030-10
PD
1.05
W
Junction Temperature
TJ
-40 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated under "recom-mended operating conditions" is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
MSOP-10
208
°C/W
Junction to Ambient (Note)
DFN3030-10
θJA
119
°C/W
Note: The data tested by surface mounted on a 2 inch
2 FR-4 board with 2OZ copper.
ELECT RI CAL CH ARACT ERI ST I CS (VCC=5V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Operating Current
ICC1
Rotation Mode
3.5
5
mA
Standby Supply Current
ICC2
PWM=0
100
150
μA
PWM CONTROL
PWM Input High Level Voltage
VPWMH
2.5
V
PWM Input Low Level Voltage
VPWML
0.8
V
PWM High Input Current
IPWMH
PWM=VCC
0
uA
PWM Low Input Current
IPWML
PWM=GND
-10
-20
uA
PWM Input Frequency
FPWM
2
50
KHZ
OUTPUT DRIVERS
Output Driver Saturation Voltage
VO
IOUT=250mA, Upper and
Lower total
0.3
V
FG Pin Low Voltage
VFG
FG=5mA
0.2
V
FG Pin Leak Current
IFGL
VFG=7V
10
uA
LOCK PROTECTION
Lock Detection On Time
TON
1
Sec
Lock Detection Off Time
TOFF
5
Sec
THERMAL SHUTDOWN
Over Temperature Shutdown
160
°C
Over Temperature Shutdown Hysteresis
OTS
30
°C
QUICK START
Quick Start Enable Time
TQS
16
mS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com