Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF2768L-SM2-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UF2768L-SM2-R
Description  THREE-PHASE SINE-WAVE SENSOR-LESS FAN MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF2768L-SM2-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UF2768L-SM2-R Datasheet HTML 1Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 2Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 3Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 4Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 5Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 6Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 7Page - Unisonic Technologies UF2768L-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UF2768
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
8 of 8
www.unisonic.com.tw
QW-R140-012.a
T Y PI CAL APPLI CAT I ON CI RCU I T
VO
WO
UO
Pull High Voltage
FG
FR
OSC
PWM
COM
UF2768
C1
2.2µF
Cosc
2.2nF
VIN
D1
GND
VCC
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein .
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com