Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2640G-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM2640G-SM1-R
Description  TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM2640G-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM2640G-SM1-R Datasheet HTML 1Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 2Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 3Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 4Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 5Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 6Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 7Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UM2640
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 8
www.unisonic.com.tw
QW-R109-027.D
ABSOLU T E M AX I M U M RAT I N G (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
60
V
Hall Input Voltage Range
VIH
-0.3~VCC
V
Output Current
IOUT
30
mA
Lock Alarm Output Voltage
VOLA
60
V
Hall Input Differential Voltage
VIHD
2
V
Lock Alarm Output Current
IOLA
20
mA
SOP-8
375
mW
Power Dissipation
MSOP-8
PD
300
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS (VCC=48V, TA = 25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Supply Voltage Range
VCC
4.0
48.0
55.0
V
VCC=24V
3.0
4.0
Operating Current
ICC
VCC=48V
3.8
4.8
mA
Hall Input Hysterisis Range
VHYS
8
20
32
mV
Hall Amplifier Input Bias Current
IB
0.5
1.0
µA
Hall Input Common Mode Voltage
VICM
1.5
VCC-2
V
Output Voltage
VOUT
IOUT=10mA
VCC-1.5
V
Output Leak Current
ILEAK
VCC=60V
5
µA
Lock Alarm Output Voltage
VLA
Lock Alarm ON, ILA=5mA
0.5
V
Lock Alarm Leak Current
ILA-LEAK
VLA=60V
10
µA
Ct Charge Current
ICHG
VCt=1.5V
3.8
µA
Ct Discharge Current
IDCHG
VCt=1.5V
0.75
µA
Charge/Discharge Current Ratio
ICHG/IDCHG
4.0
5.5
8.0
Ct H Level Cense Voltage
VCtH
2.2
2.5
2.8
V
Ct L Level Cense Voltage
VCtL
0.6
0.7
0.8
V
Auto Protection Release ON Time
TON
Ct=0.47µF
0.25
s
Auto Protection Release OFF Time
TOFF
Ct=0.47µF
1.25
s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com