Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2640G-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM2640G-SM1-R
Description  TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM2640G-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM2640G-SM1-R Datasheet HTML 1Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 2Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 3Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 4Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 5Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 6Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 7Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UM2640
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R109-027.D
T WO-PH ASE U N I POLAR DC
BRU SH LESS M OT OR
PRE-DRI V ER I C
DESCRI PT I ON
UTC UM2640 is a 2-phase pre-driver IC for unipolar DC brushes
motors. It features high voltage bipolar technology so that the driver
works up to 48V. High voltage operation delivers more power and
improves power supply efficiency. Therefore, it is suitable for high
voltage fan motor applications.
FEAT U RES
* Wide supply voltage range of 4V~55V
* Absolute Maximum Voltage 60V
* Lock protection
Auto-restart when the motor lock is undone
* Lock Alarm Output Terminal
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
UM2640L-SO8-R
UM2640G-SO8-R
SOP-8
Tape Reel
UM2640L-SM1-R
UM2640G-SM1-R
MSOP-8
Tape Reel
M ARK I N G


Similar Part No. - UM2640G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM2640G-SO8-R UTC-UM2640G-SO8-R Datasheet
202Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
UM2640G-SO8-R UTC-UM2640G-SO8-R Datasheet
202Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
UM2640G-SO8-T UTC-UM2640G-SO8-T Datasheet
202Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
UM2640G-SO8-T UTC-UM2640G-SO8-T Datasheet
202Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
More results

Similar Description - UM2640G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
New Japan Radio
NJM2641 NJRC-NJM2641 Datasheet
51Kb / 3P
Two-phase Unipolar DC Brushless Motor Pre-Driver IC
NJM2640 NJRC-NJM2640 Datasheet
65Kb / 7P
Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Allegro MicroSystems
A4936 ALLEGRO-A4936 Datasheet
204Kb / 9P
3-Phase Brushless DC Motor Pre-Driver
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Unisonic Technologies
UM2640 UTC-UM2640 Datasheet
202Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
UM2640 UTC-UM2640_15 Datasheet
202Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
Allegro MicroSystems
A4931 ALLEGRO-A4931_16 Datasheet
244Kb / 9P
3-Phase Brushless DC Motor Pre-Driver
A4938 ALLEGRO-A4938_16 Datasheet
247Kb / 10P
3-Phase Brushless DC Motor Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com