Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2640G-SM1-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UM2640G-SM1-R
Description  TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM2640G-SM1-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UM2640G-SM1-R Datasheet HTML 1Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 2Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 3Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 4Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 5Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 6Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 7Page - Unisonic Technologies UM2640G-SM1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UM2640
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
7 of 8
www.unisonic.com.tw
QW-R109-027.D
APPLI CAT I ON I N FORM AT I ON (Cont .)
7. Design of C2:
Lock Protection Function, consists of Motor Lock Detection and Auto Resume Function, is a safety feature to
protect a motor and a driver circuit from fatal destruction in case of motor halt.
Motor Lock Detection detects motor halt due to irregular load conditions and then cuts motor driving current for
safety operation. When Lock Detection is activated; Lock Alert Out (LA: Pin 3) goes to L.
A value of C2 determines Lock detection time (Ton) and Auto Resume Time (Toff).
Lock detection time (Ton) is given by:
[sec]
Ic
Vcl
-
Vch
2
C
=
T
ON
Where C2 is 0.47uF:
[sec]
22
.
0
=
10
×
8
.
3
7
.
0
-
5
.
2
×
10
×
47
.
0
=
T
6
-
6
-
ON
Auto Resume Time (Toff) is given by:
[sec]
Idc
Vcl
-
Vch
2
C
=
T
OFF
Where C2 is 0.47uF:
[sec]
13
.
1
=
10
×
75
.
0
7
.
0
-
5
.
2
×
10
×
47
.
0
=
T
6
-
6
-
OFF
A typical value of C2 is either 0.47uF or 1uF depending on a motor.
Lock Protection
Lock Alert Out (LA: Pin 3) is a open collector output and R3 is a pull up resister. A typical value of R3 is 10k
Ω.
It must be noted that Lock Alert Out stays an H state during few hundred milliseconds from power up as shown in
the picture below.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com