Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6310IM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6310IM
Description  High Speed Low Power Operational Amplifier with TRI-STATE Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6310IM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM6310IM Datasheet HTML 1Page - National Semiconductor (TI) LM6310IM Datasheet HTML 2Page - National Semiconductor (TI) LM6310IM Datasheet HTML 3Page - National Semiconductor (TI) LM6310IM Datasheet HTML 4Page - National Semiconductor (TI) LM6310IM Datasheet HTML 5Page - National Semiconductor (TI) LM6310IM Datasheet HTML 6Page - National Semiconductor (TI) LM6310IM Datasheet HTML 7Page - National Semiconductor (TI) LM6310IM Datasheet HTML 8Page - National Semiconductor (TI) LM6310IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
g
5V DC Electrical Characteristics Unless otherwise specified all limits guaranteed for TJ e 25 C Va
e
5V Vb eb5V VCM e VO e 0V and RL e 100X Boldface limits apply at the temperature extremes (Continued)
Typ
LM6310I
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
ISC
Output Current
10X to 0V
60
44
mA
Sourcing
20
min
ROUT
Output Resistance
Closed Loop
006
X
max
IS
Supply Current for
DISABLE (Pin 8) l 20V
35
45
mA
Normal Operation Mode
50
max
IS
Supply Current Powerdown
DISABLE (Pin 8) k 08V
08
10
mA
(TRI-STATE) Mode
12
max
g
5V AC Electrical Characteristics Unless otherwise specified all limits guaranteed for TJ e 25 C Va
e
5V Vb eb5V VCM e VO e 0V and RL e 100X Boldface limits apply at the temperature extremes
Typ
LM6310I
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
SR
Slew Rate
AV ea2 2V Output Pulse
300
V ms
b
3dBBW
b
3db Bandwidth
AV ea2
90
MHz
Dg
Differential Gain
AV ea2 150X Load (75X Back-Terminated)
005
%
(Note 7)
1 kX Pull-Down to b5V on Output
Dp
Differential Phase
AV ea2 150X Load (75X Back-Terminated)
033
(Note 7)
1 kX Pull-Down to b5V on Output
en
Input-Referred
f e 1 MHz
5
nV
0Hz
Voltage Noise
Input-Referred Current Noise
f e 1 MHz
3
pA
0Hz
Non-Inverting (b) Input
Input-Referred Current
f e 1 MHz
12
pA
0Hz
Noise Inverting (b) Input
tON
Turn On Time
DISABLE (Pin 8) Low to High
50
ns
tOFF
Turn Off Time
DISABLE (Pin 8) High to Low
25
ns
Output Isolation
Output Isolation from Inputs when
55
db
DISABLE e Low 10 MHz
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur Operating Ratings indicate conditions for which the device is
intended to be functional but specific performance is not guaranteed For guaranteed specifications and the test conditions see the Electrical characteristics
Note 2
Human body model 15 kX in series with 100 pF
Note 3
Applies to both single-supply and split-supply operation Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150 C
Note 4
The maximum power dissipation is a function of TJ(max) iJA and TA The maximum allowable power dissipation at any ambient temperature is PD e
(TJ(max)–TA) iJA All numbers apply for packages soldered directly into a PC board
Note 5
Typical values represent the most likely parametric norm
Note 6
All limits are guaranteed by testing or statistical analysis
Note 7
Differential Gain and Phase performance is sensitive to layout Follow layout suggestions in text for best results
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com