Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6310IM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6310IM
Description  High Speed Low Power Operational Amplifier with TRI-STATE Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6310IM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6310IM Datasheet HTML 1Page - National Semiconductor (TI) LM6310IM Datasheet HTML 2Page - National Semiconductor (TI) LM6310IM Datasheet HTML 3Page - National Semiconductor (TI) LM6310IM Datasheet HTML 4Page - National Semiconductor (TI) LM6310IM Datasheet HTML 5Page - National Semiconductor (TI) LM6310IM Datasheet HTML 6Page - National Semiconductor (TI) LM6310IM Datasheet HTML 7Page - National Semiconductor (TI) LM6310IM Datasheet HTML 8Page - National Semiconductor (TI) LM6310IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLH12545
November 1995
LM6310
High Speed Low Power Operational
Amplifier with TRI-STATE
Output
General Description
The LM6310 is a video speed operational amplifier with a
fast easy to use disable function This disable function puts
the amplifier output into a high impedance state This makes
the LM6310 ideal for distributed video multiplexing where
channels can be on different boards This can enhance
manufacturing flexibility by making it easy to add or delete
options to basic designs
The disable function can also be used for half-duplex com-
munication The disable function also reduces power con-
sumption The LM6310 uses a current feedback design for
improved gain flatness making it a good choice for high
quality video designs Operating from g5V supplies the
LM6310 is ideal for low power designs
Features
Y
90 MHz b3 dB bandwidth
Y
TRI-STATE output disable to high impedance
Y
Disable time k 25 ns
Y
TTLCMOS compatible disable input
Y
Typical differential gain 005%
Y
Typical differential Phase 033
Y
60 mA output current
Y
Typical supply current k 45 mA
Y
k
1 mA current when disabled
Y
Specified for g5V operation
Applications
Y
Cable TV Set Top Boxes
Y
Video Multiplexers and Multimedia Cards
Y
Virtual Reality and Desktop Video
Y
Portable Video
Y
Video Distribution
Connection Diagram
8-Pin DIPSO-8
TLH12545 – 1
Top View
TLH12545 – 2
Package
Ordering
NSC Drawing
Package
Transport Media
Information
Number
Marking
8-Pin DIP
LM6310IN
N08E
LM6310IN
Rails
8-Pin SO-8
LM6310IM
M08A
LM6310IM
Rails
8-Pin SO-8
LM6310IMX
M08A
LM6310IM
25k Units Tape and Reel
TRI-STATE
is a registered trademark of National Semiconductor Corporation
TinyPaKTM is a trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M66Printed in U S A
http
www nationalcom


Similar Part No. - LM6310IM

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM631 SEOUL-LM631 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM631 SEOUL-LM631 Datasheet
360Kb / 13P
CYAN LAMP LED
LM631 SEOUL-LM631 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM631 SEOUL-LM631 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM631 SEOUL-LM631 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM6310IM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93 Datasheet
351Kb / 8P
HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
Oct-2000
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
1999 08
logo
Linear Technology
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
High Speed Low Power Operational Amplifier
29-Nov-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com