Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6310IM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6310IM
Description  High Speed Low Power Operational Amplifier with TRI-STATE Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6310IM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM6310IM Datasheet HTML 1Page - National Semiconductor (TI) LM6310IM Datasheet HTML 2Page - National Semiconductor (TI) LM6310IM Datasheet HTML 3Page - National Semiconductor (TI) LM6310IM Datasheet HTML 4Page - National Semiconductor (TI) LM6310IM Datasheet HTML 5Page - National Semiconductor (TI) LM6310IM Datasheet HTML 6Page - National Semiconductor (TI) LM6310IM Datasheet HTML 7Page - National Semiconductor (TI) LM6310IM Datasheet HTML 8Page - National Semiconductor (TI) LM6310IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Performance Characteristics
AV ea2 RF e 348X Vaea5V Vbeb5V RL e 100X TJ e 25 C unless otherwise noted (Continued)
Output Signal Isolation in Disable Mode
Reference
Level e 100 mV
Marker
4 025 567 Hz
688755 mV
TLH12545 – 9
LM6310 Normal Operation Disable e High
Note reference level is 100 mV
4 MHz signal is at 69 mV
Reference
Level e 50 mV
Marker
4 025 567 Hz
289085 mV
TLH12545 – 10
LM6310 Disable e Low
Note that the reference level is 50 mV
The 4 MHz signal is near the noise level attenuated l 10001
http
www nationalcom
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com