Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXGPS5050 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXGPS5050
Description  Compact GPS-Disciplined OCXO 10.000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXGPS5050 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXGPS5050 Datasheet HTML 1Page - Advanced XTAL Products AXGPS5050 Datasheet HTML 2Page - Advanced XTAL Products AXGPS5050 Datasheet HTML 3Page - Advanced XTAL Products AXGPS5050 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXGPS5050 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXGPS5050
Rev.: 2
Date: 2018-07-12
Oscillator type:
Compact GPS-Disciplined OCXO 10.000 MHz
Features:
Compact Size 50x50x25 mm, PCB mountable
Low Phase Noise 10.000 MHz Output
1 PPS LVCMOS Output
External 1 PPS LVCMOS Reference Input
Communication Interface with NMEA-0183 standard
Parameter
min.
typ.
max.
Unit
Condition
Nominal output frequency
10.000
MHz
(Note 2)
Frequency stability
Tracking accuracy (GPS locked)
1·10-12
24 hours average
Holdover stability (GPS 24 hours
unlocked after 7 days locked)
5·10-10
Temperature ∆T <± 2K
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+11
dBm
Harmonics
-60
-40
dBc
Spurious
-80
dBc
Phase Noise
-100
-130
-150
-155
-155
-155
-90
-120
-140
-145
-150
-150
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 1 Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
@ 100 kHz
Short-term stability (ADEV)
1·10-11
@ τ = 1 sec
1 PPS output
Signal waveform
LVCMOS
Load RL
15
pF
Rise & decay time
5
ns
Accuracy (RMS) to UTC
30
ns
GPS locked 24 hours
Holdover stability (GPS 24 hours
unlocked after 7 days locked)
±4
µs
Temperature ∆T <± 2K
1 PPS reference input
Signal waveform
LVCMOS
Input impedance
>10 kOhm / 4 pF
GPS input
Input frequency
1575.42
MHz
Input impedance
50
Ω
Receiver Sensitivity
-160
-144
dBm
Antenna
Passive
5 V
Interface
Baud rate
57600
bps
RX/TX level
LVCMOS
Communication
Status information /
NMEA-0183
(Note 2)


Similar Part No. - AXGPS5050

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXGPS9000 AXTAL-AXGPS9000 Datasheet
515Kb / 5P
Low Noise Selective Distribution Amplifier in 19??rack (1 HU)
2016-07-04
AXGPS9000 AXTAL-AXGPS9000 Datasheet
414Kb / 5P
Very High Frequency Stability
2016-07-04
AXGPS9000 AXTAL-AXGPS9000 Datasheet
479Kb / 5P
Very High Frequency Stability
2016-07-01
AXGPS9000 AXTAL-AXGPS9000 Datasheet
269Kb / 5P
High Stability Low Noise Rubidium Frequency Reference
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
2018-08-27
More results

Similar Description - AXGPS5050

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
GPS Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
GPS Disciplined Oscillator Module
logo
RF Monolithics, Inc
XOCSM102 RFM-XOCSM102 Datasheet
462Kb / 4P
10.000000 MHz OCXO
XOCSM103 RFM-XOCSM103 Datasheet
462Kb / 4P
10.000000 MHz OCXO
logo
Vectron International, ...
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
GPS-Disciplined Rubidium Clock
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
GPS-Disciplined Rubidium Clock
AR-76 VECTRON-AR-76 Datasheet
731Kb / 10P
GPS-Disciplined Rubidium/OCXO Clock
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
GPS Disciplined Oscillators
logo
Advanced XTAL Products
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
2018-08-27
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com