Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXGPS5050 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXGPS5050
Description  Compact GPS-Disciplined OCXO 10.000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXGPS5050 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXGPS5050 Datasheet HTML 1Page - Advanced XTAL Products AXGPS5050 Datasheet HTML 2Page - Advanced XTAL Products AXGPS5050 Datasheet HTML 3Page - Advanced XTAL Products AXGPS5050 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXGPS5050 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Parameter
min.
typ.
max.
Unit
Condition
Lock Detect
0.5
0
3.3
0.4
V
V
Locked
Not locked
Supply voltage VS
11.4
12.0
12.6
V
Current consumption (steady state)
300
mA
@ +25°C
Current consumption (warm-up)
600
mA
@ +25°C
Operating temperature range
-40
+75
°C
Enclosure size (see drawing) (LxWxH)
50x50x25 max.
mm
Drawing number
AXZ10.01104.01
RF Connectors (GPS IN & 1PPS IN/OUT)
MMCX female
Weight
100
g
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
See software manual for AXGPS5050
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Storage Temperature
-55
+85
°C
Ordering Code
Model
Revision
Frequency [MHz]
AXGPS5050
Rev.2
10.000
Example: AXGPS5050_Rev.2 – 10.000 MHz
Environmental Conditions, Handling and Testing
Parameter
Procedure
Source
Processing
Application Note AXAN-012
www.axtal.com
Parameter
Procedure
Condition
Electrostatic discharge (ESD)
THD devices
IEC60749-26
HBM
2000 V
SMD devices
IEC60749-27
MM
200 V
Washable
Yes
No
RoHS- Compliant
Yes
No



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com