Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXGPS5050 Datasheet(PDF) 4 Page - Advanced XTAL Products

Part # AXGPS5050
Description  Compact GPS-Disciplined OCXO 10.000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXGPS5050 Datasheet(HTML) 4 Page - Advanced XTAL Products

  AXGPS5050 Datasheet HTML 1Page - Advanced XTAL Products AXGPS5050 Datasheet HTML 2Page - Advanced XTAL Products AXGPS5050 Datasheet HTML 3Page - Advanced XTAL Products AXGPS5050 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXGPS5050 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 4(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Revision History
Rev.
Drawing
Date
[dd.mm.yyyy]
Remarks
Author
Checked
1
D0
04.09.2017
First issue AXGPS5050
BN
HH
2
D0
12.07.2018
Major revision
HH
ME



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com