Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXRB1021 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXRB1021
Description  High Stability Rubidium Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXRB1021 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXRB1021 Datasheet HTML 1Page - Advanced XTAL Products AXRB1021 Datasheet HTML 2Page - Advanced XTAL Products AXRB1021 Datasheet HTML 3Page - Advanced XTAL Products AXRB1021 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXRB1021 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXRB1021
Rev.: 2
Date: 2018-11-27
Oscillator type:
High Stability Rubidium Oscillator
Features:
High Stability Rubidium Oscillator
Compact 89 x 76 mm Connectorized Package
Replacement for Microsemi X72
RS-232 Communication and external 1 PPS synchronisation
Applications: UMTS, LTE, 5G, CDMA, WiMAX etc.
Equivalent to ELECSPN XHTF1021
Ordering Code
Model
Revision
Frequency [MHz]
AXRB1021
Rev.2
10.000
Example: AXRB1021_Rev.2 – 10.000 MHz


Similar Part No. - AXRB1021

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXRB1003H AXTAL-AXRB1003H Datasheet
212Kb / 4P
Very High Stability Rubidium Oscillator
AXRB1031 AXTAL-AXRB1031 Datasheet
180Kb / 3P
Miniature Rubidium Oscillator in 50 x 50 mm Package
More results

Similar Description - AXRB1021

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RB-2110CB EPSONTOYOCOM-RB-2110CB Datasheet
478Kb / 2P
RUBIDIUM ATOMIC OSCILLATOR
RB-3310N EPSONTOYOCOM-RB-3310N Datasheet
496Kb / 2P
RUBIDIUM ATOMIC OSCILLATOR
logo
Advanced XTAL Products
AXRB9000 AXTAL-AXRB9000 Datasheet
269Kb / 5P
High Stability Low Noise Rubidium Frequency Reference
logo
IQD Frequency Products ...
IQRB-1 IQD-IQRB-1 Datasheet
283Kb / 2P
Rubidium Oscillator
IQRB-2 IQD-IQRB-2 Datasheet
205Kb / 2P
Rubidium Oscillator
logo
TEMEX
HSO14 TEMEX-HSO14 Datasheet
609Kb / 4P
High Stability Oscillator
logo
Advanced XTAL Products
AXRB1003H AXTAL-AXRB1003H Datasheet
212Kb / 4P
Very High Stability Rubidium Oscillator
logo
Suntsu Electronics, Inc...
SRO10S SUNTSU-SRO10S Datasheet
189Kb / 2P
Rubidium Oscillator
SRO20S SUNTSU-SRO20S Datasheet
222Kb / 2P
Rubidium Oscillator
SRO30S SUNTSU-SRO30S Datasheet
209Kb / 2P
Rubidium Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com