Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXRB1021 Datasheet(PDF) 3 Page - Advanced XTAL Products

Part # AXRB1021
Description  High Stability Rubidium Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXRB1021 Datasheet(HTML) 3 Page - Advanced XTAL Products

  AXRB1021 Datasheet HTML 1Page - Advanced XTAL Products AXRB1021 Datasheet HTML 2Page - Advanced XTAL Products AXRB1021 Datasheet HTML 3Page - Advanced XTAL Products AXRB1021 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AXRB1021 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 3(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
0
18
V
VS to GND
Control Voltage VC
0
5.5
V
VC to GND
Storage Temperature
-40
+70
°C
Enclosure drawing
Front View D-Sub connector
Pin connections D-Sub connector (COMM):
Pin #
Symbol
Function
1
LD
Lock Detect
2
GND
Ground
3
RX
Serial Receive RS-232
4
TX
Serial Transmit RS-232
5
VC
Control Voltage (EFC)
6
1PPS IN
External 1PPS Input
7
VS
Supply Voltage
8
1PPS OUT
1PPS Output
9
D.N.C.
Do Not Connect
Pin connections:
Pin #
Symbol
Function
1
ADJUST
Adjustment Trimmer (MFC)
2
COMM
Interface
3
RF OUT
10 MHz Output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com