Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXRB1021 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXRB1021
Description  High Stability Rubidium Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXRB1021 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXRB1021 Datasheet HTML 1Page - Advanced XTAL Products AXRB1021 Datasheet HTML 2Page - Advanced XTAL Products AXRB1021 Datasheet HTML 3Page - Advanced XTAL Products AXRB1021 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXRB1021 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Parameter
min.
typ.
max. Unit
Condition
Nominal output frequency
10.000
MHz
Frequency stability
Initial tolerance at delivery @ +25°C
±0.05
ppb
vs. operating temperature range
±0.60
ppb
steady state
Long term (aging) per day
±0.005
ppb
after 30 days operation
Long term (aging) per month
±0.05
ppb
after 30 days operation
Retrace @ +25°C
±0.02
ppb
1 h after 24 hrs OFF
Frequency adjustment range
Mechanical Frequency Control (MFC)
±1
ppb
Trimmer accessible at front
Electronic Frequency Control (EFC)
±1
ppb
Overrides MFC
EFC voltage VC
0
5
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
10
kΩ
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+7
+13
dBm
Harmonics
-30
dBc
Phase noise
-110
-140
-150
-100
-130
-140
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
Short-term stability (ADEV)
3·10-11
1·10-11
3·10-12
@ τ = 1 sec
@ τ = 10 sec
@ τ = 100 sec
Warm-up time @ +25°C
7
min
Time to lock
1 PPS output
Signal waveform
LVCMOS
Load RL
15
pF
1 PPS reference input
External synchronisation
Signal waveform
LVCMOS
Input impedance
>10 kOhm / 4 pF
Lock Detect
3.5
0
5
1.5
V
V
Locked
Not locked
Supply voltage VS
11.4
12.0
18.0
V
Power consumption (steady state)
8
15
W
@ VS=12V
Power consumption (warm-up)
21
30
W
@ VS=12V
Operating temperature range
-20
+50
°C
Enclosure (see drawing) (WxDxH)
89x76x28
mm
Drawing number
AXZ10.01124.01
RF Connector
SMA female
Communication Connector (Note 2)
9-Pin D-Sub male
with jack posts
Weight
260
280
g
MTBF
100,000
hrs
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Please consult factory for programming manual



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com