Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXC-051-R Datasheet(PDF) 2 Page - IXYS Corporation

Part # AXC-051-R
Description  ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

AXC-051-R Datasheet(HTML) 2 Page - IXYS Corporation

  AXC-051-R Datasheet HTML 1Page - IXYS Corporation AXC-051-R Datasheet HTML 2Page - IXYS Corporation AXC-051-R Datasheet HTML 3Page - IXYS Corporation AXC-051-R Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXC-051
PRELIMINARY
September 98
Page 2 of 4
98004-05-004-06.doc
IXYS Corporation 3540 Bassett Street, Santa Clara, CA 95054 TEL:408-982-0700 FAX:408-496-0670
IXYS Semiconductor, GmbH. Edisonstr. 15 D-68623 Lampertheim, Germany TEL:+49-6206-503-0 FAX:+49-6206-503-627
Absolute Maximum Ratings
Parameter
Conditions
Min
Max
Units
Supply Voltage
+0.5
-75
Vdc
Maximum Output Current
0
6
A
Storage Temperature
-30
110
°C
Operating Temperature
-30
85
°C
DC Electrical Specification (-30°C
TA +85°C)
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
-18
-72
Vdc
Rated Current
0
5
A
TA
= +25°C
0.73
Vdc
ILOAD
=0A
-30°C
≤TA ≤+85°C
0.70
Vdc
TA
= +25°C
0.74
Vdc
ILOAD
=1A
-30°C
≤TA ≤+85°C
0.73
Vdc
TA
= +25°C
0.76
Vdc
ILOAD
=2A
-30°C
≤TA ≤+85°C
0.75
Vdc
TA
= +25°C
0.80
Vdc
Voltage Drop @ VIN= -48V
ILOAD
=5A
-30°C
≤TA ≤+85°C
0.79
Vdc
Quiescent Current
-18V
≤VIN ≤-72V
0.38
0.42
0.52
mA
AC Electrical Specification (-30°C
TA +85°C)
Operating Voltage -(18
÷ 72)V ; Output Current ILOAD=(0÷ 5)A
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss*
20Hz
÷ 10KHz @ 50Ω
55
60
dB
10Hz
÷ 10KHz
9
15
30
m
Output Impedance*
10KHz
÷ 250KHz
30
50
100
m
Line Transient Attenuation*
Transient voltage less than 0.75V
35
40
dB
Transient Output Impedance*
Idc=2A;
∆I=1A
70
110
m
* Tested with C1 & C2 [Fig.4] = 10uF Electrolytic Capacitor ; Maximum Input Noise Level = (1.3-0.1ILOAD[A])V
Attenuation (Vout[ac]/Vripple)
Test Setup
Fig.3
Load
I
Vin
LOAD
AXC051
OUT
COM
IN
3
2
1
R
1
C
2
V
OUT
C
1
A
V
V
A
V
IN
V
OUT
I
Quiescent
+
-
V
V
DROP
Vripple
Fig.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com