Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXC-051-R Datasheet(PDF) 1 Page - IXYS Corporation

Part # AXC-051-R
Description  ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

AXC-051-R Datasheet(HTML) 1 Page - IXYS Corporation

  AXC-051-R Datasheet HTML 1Page - IXYS Corporation AXC-051-R Datasheet HTML 2Page - IXYS Corporation AXC-051-R Datasheet HTML 3Page - IXYS Corporation AXC-051-R Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXC-051
ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
PRELIMINARY
September 98
Page 1 of 4
98004-05-004-06.doc
IXYS Corporation 3540 Bassett Street, Santa Clara, CA 95054 TEL:408-982-0700 FAX:408-496-0670
IXYS Semiconductor, GmbH. Edisonstr. 15 D-68623 Lampertheim, Germany TEL:+49-6206-503-0 FAX:+49-6206-503-627
Features :
•High Efficiency.
•Superior Performance at Low Frequencies.
•Compact Size.
•Low Cost.
AXC-051-R
AXC-051
Product Description
Ordering Information
The AXC-051 is a 3-terminal power filter which provide high attenuation starting at extremely low
frequencies (30dB@20Hz). The device is designed for negative supply of 18 to 75 Volts and up to
5Amp load. The output voltage tracks the DC input voltage with 0.75V drop. Full performance is
kept for input ripple of up to 1.4 Volts p-p. Exceptional effort has been made to maintain low output
impedance (less than 0.1 ohm at audio frequencies). The AXC filters are designed to meet the most
stringent noise requirements in electronic equipment, telecommunication systems, audio equipment,
etc.
Applications
Pin Description
Ultra Low Noise Switch Mode Power Supply
PIN
NAME
Description
Communication Systems.
1
COM
Common
Mixed signal
2
VOUT
Output Voltage
3
VIN
Input Voltage
(Analog Digital).
(3)
(1)
(2)
Top
View
Fig.1
Fig.2 - Typical Application
AXC051
OUT
COM
IN
3
2
1
C
2
Analog
Load
C
1
Digital
Load
18 - 72V
-
+
+
-
-
Mixed Signal Negative Power Filter


Similar Part No. - AXC-051-R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
More results

Similar Description - AXC-051-R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MICRORAM VICOR-MICRORAM Datasheet
1Mb / 8P
Output Ripple Attenuation Module
QUIETPOWER VICOR-QUIETPOWER Datasheet
144Kb / 8P
Output Ripple Attenuation SiP
logo
Rohm
BA3990F ROHM-BA3990F Datasheet
64Kb / 4P
Ripple filter for portable CD players
logo
IXYS Corporation
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
logo
PREMO CORPORATION S.L
DMRF PREMO-DMRF Datasheet
152Kb / 1P
High attenuation for industrial applications single phase filter
logo
Okaya Electric America,...
AFP450V104K OKAYA-AFP450V104K Datasheet
221Kb / 1P
FOR ACTIVE FILTER CIRCUIT
logo
Vicor Corporation
QPO-1 VICOR-QPO-1 Datasheet
1Mb / 17P
QPO-1 Output Ripple Attenuation SIP
logo
Golledge Electronics Lt...
MA03704 GOLLEDGE-MA03704 Datasheet
223Kb / 4P
SAW Filter 915.0MHz for ISM900 (High Attenuation)
logo
WALSIN TECHNOLOGY CORPO...
BF1511B394101AT WALSIN-BF1511B394101AT Datasheet
329Kb / 4P
Low loss, Low pass band ripple, High Attenuation
BF1511B394101BT WALSIN-BF1511B394101BT Datasheet
328Kb / 4P
Low loss, Low pass band ripple, High Attenuation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com