Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXC-051-R Datasheet(PDF) 3 Page - IXYS Corporation

Part # AXC-051-R
Description  ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

AXC-051-R Datasheet(HTML) 3 Page - IXYS Corporation

  AXC-051-R Datasheet HTML 1Page - IXYS Corporation AXC-051-R Datasheet HTML 2Page - IXYS Corporation AXC-051-R Datasheet HTML 3Page - IXYS Corporation AXC-051-R Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AXC-051
PRELIMINARY
September 98
Page 3 of 4
98004-05-004-06.doc
IXYS Corporation 3540 Bassett Street, Santa Clara, CA 95054 TEL:408-982-0700 FAX:408-496-0670
IXYS Semiconductor, GmbH. Edisonstr. 15 D-68623 Lampertheim, Germany TEL:+49-6206-503-0 FAX:+49-6206-503-627
Thermal Resistance
Fig5. - Load Transient Response
Parameter
Typ
Max
Units
Junction-to-Case [
JC
Rθ
]
1.0
°C/W
Case-to-Sink [
CS
Rθ
]
0.50
°C/W
Junction-to-Ambient [
JA
Rθ ]
62
°C/W
General Specifications
Parameter
Units
Weight
9.0
±0.5
gr.
Fig6. - Mechanical Drawing
a
b
c
d
R=e
g
f
h
n
w
s
m
k
mm
inch
min
max
min
max
a
4.90
5.90
0.193 0.232
b
2.62
2.87
0.103 0.113
c 10.29 10.54 0.405 0.415
d
1.22
1.32
0.048 0.052
e
1.40
1.50
0.055 0.059
f
0.97
1.01
0.038 0.040
g
4.40
5.40
0.173 0.213
h 13.80 14.20 0.543 0.559
k
3.54
3.78
0.139 0.149
m 5.20
6.20
0.205 0.244
n 21.00 22.60 0.827 0.890
s
2.39
2.69
0.094 0.106
w 18.10 18.60 0.713 0.732
a
b
c
d
R=e
g
f
h
n
w
s
m
k
mm
inch
min
max
min
max
a
4.90
5.90
0.193 0.232
b
2.62
2.87
0.103 0.113
c 10.29 10.54 0.405 0.415
d
1.22
1.32
0.048 0.052
e
1.40
1.50
0.055 0.059
f
0.97
1.01
0.038 0.040
g
5.50
6.40
0.217 0.252
h 13.80 14.20 0.543 0.559
k
3.54
3.78
0.139 0.149
m 19.25 20.16 0.758 0.794
n 21.00 22.60 0.827 0.890
s
2.39
2.69
0.094 0.106
w 18.10 18.60 0.713 0.732



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com