Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4016 Datasheet(PDF) 63 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 63 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 59Page - Texas Instruments GC4016 Datasheet HTML 60Page - Texas Instruments GC4016 Datasheet HTML 61Page - Texas Instruments GC4016 Datasheet HTML 62Page - Texas Instruments GC4016 Datasheet HTML 63Page - Texas Instruments GC4016 Datasheet HTML 64Page - Texas Instruments GC4016 Datasheet HTML 65Page - Texas Instruments GC4016 Datasheet HTML 66Page - Texas Instruments GC4016 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
© GRAYCHIP,INC.
- 58 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
7.6
EXAMPLE PFIR FILTER SETS
The spectral requirements of the PFIR filter are shown in Figure 11 in Section 3.3.6. The filters in Table 26 provide passband
bandwidths which are between 17% and 150% of the down converter channel output sample rate (before resampling).
The filter taps can be copied from this table, or requested by e-mail from tech-support@graychip.com, or downloaded from
the web at www.graychip.com. The filter taps are available in two file formats. The first, <filter_name>.taps, is an ascii listing of
the taps. The second, <filter_name>.cmd, is a command file which could be used to write the filter taps into a GC4016 chip. The
commands are formatted as “write <address> <data_byte>”, where <address> and <data_byte> are unsigned hex integers.
The recommended default filter is PFIR_80 which is flat out to 80% of the channel output’s usable bandwidth. The narrower
filters have less ripple and better out of band rejection. The wider filters (100% and 150%) are designed for the single wideband
output per chip mode where all four channels are used as one wideband channel. These modes have more ripple and less out
of band rejection than the narrowband filters.
The PFIR can also be used to apply receive filters for digital modulation formats such as QPSK, OQPSK or QAM. The most
common receive filter is the root-raised cosine (RRC) filter. A program (written in C) designed to generate RRC pfir filters is
available from graychip by e-mail or from the web. This program asks for the input sample rate, the baud rate and the desired
roll off (alpha) factor. The output is a 63 tap PFIR filter tap file and a GC4016 command file.
Table 26: Default PFIR Filters
Name
Usable
Output
Bandwidth
Passband
Cutoff
Passband
Ripple
(pk to pk)
Stopband
Start
Stopband
Rejection
near/far
PFIR Gain Applications
Taps (first 32)
pfir_17
17%
0.085
0.01dB
0.125
97dB/
120dB
3.1262
(204881)
8x oversampled
outputs.
6 17 33 49 54 33 -28 -132 -263 -380 -424
-329 -49 408 964 1461 1690 1445 597
-826 -2589 -4252 -5228 -4908 -2819 1222
7006 13910 20982 27118 31289 32767
pfir_34
34%
0.17
0.02dB
0.3
83dB/
108dB
2.2370
(146605)
4x oversampled
outputs,
2X GSM or EDGE
outputs
14 30 41 27 -29 -118 -200 -212 -95 150
435 598 475 5 -680 -1256 -1330 -653 669
2112 2880 2269 101 -2996 -5632 -6103
-3091 3666 13042 22747 30053 32767
pfir_68
68%
0.34
0.015dB
0.5
90dB/
98dB
1.2140
(79563)
2x oversampled
outputs, 1X GSM
or EDGE outputs
2 1 -11 -23 -2 45 43 -48 -117 -8 191 155
-189 -375 26 579 358 -601 -918 248 1469
618 -1680 -1995 1104 3690 845 -5354
-5506 6574 24277 32767
pfir_80
80%
0.4
0.15dB
0.5
78dB/
93dB
1.1494
(75329)
1.5x oversampled
outputs, Default
filter for most
applications
31 136 208 107 -123 -181 69 277 46 -353
-235 358 483 -246 -750 -24 967 470 -1046
-1081 884 1817 -360 -2608 -689 3365
2594 -3992 -6527 4407 23277 32767
pfir_100
100%
0.5
0.2dB
0.6
75dB/
84dB
0.9189
(60221)
Single wideband
DDC mode (See
Section 3.4.2)
-30 -141 -180 2 151 -34 -186 87 232 -171
-273 293 292 -458 -270 668 181 -916 4
1192 -325 -1479 837 1758 -1647 -2005
3015 2201 -5914 -2326 19169 32767
pfir_150
150%
0.75
0.75dB
0.82
50dB/
65dB
0.6320
(41417)
Single wideband
DDC mode (See
Section 3.4.2)
-32 -234 98 -24 -74 165 -199 138 13 -198
329 -323 149 145 -437 577 -456 73 445
-867 955 -576 -213 1138 -1778 1706 -659
-1331 3909 -6474 8360 32767
Key:
The Usable Output Bandwidth is the passband bandwidth expressed as a percentage of the DDC channel output sample rate.
The Passband Cutoff frequency is relative to the DDC channel output sample rate.
The Stopband Start frequency is relative to the DDC channel output sample rate.
The Taps are the first 32 taps of the 63 tap filter. The final 31 taps are a mirror image of the first 31 taps. The center taps are scaled to the full
scale positive value of 32767.
The Gain is PFIR_SUM/65536, the value in parenthesis is the PFIR_SUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com