Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4016 Datasheet(PDF) 13 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 13 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 9Page - Texas Instruments GC4016 Datasheet HTML 10Page - Texas Instruments GC4016 Datasheet HTML 11Page - Texas Instruments GC4016 Datasheet HTML 12Page - Texas Instruments GC4016 Datasheet HTML 13Page - Texas Instruments GC4016 Datasheet HTML 14Page - Texas Instruments GC4016 Datasheet HTML 15Page - Texas Instruments GC4016 Datasheet HTML 16Page - Texas Instruments GC4016 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
© GRAYCHIP,INC.
- 8 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
UPPER
24 BITS
DATA
IN
DATA
OUT
CLOCKED AT FULL RATE
CLOCKED AT 1/N RATE
24 BITS
20 BITS
Figure 9. Five Stage CIC Decimate by N Filter
The CIC filter has a gain equal to N5 which must be
compensated for in the “CIC_SCALE” circuit shown in Figure
9.
The
CIC_SCALE
circuit
has
a
gain
equal
to
2(SHIFT+SCALE+6*BIG_SCALE-62), where SCALE ranges from 0
to 5 and BIG_SCALE ranges from 0 to 7. The range of SHIFT
is 4-7 if MIX20B is enabled and is 0-7 if MIX20B is disabled.
The overall gain of the CIC circuit is equal to:
The user must select values for SHIFT, SCALE and
BIG_SCALE (addresses 16 and 23 of each channel control
page) such that CIC_GAIN (including ZPAD_GAIN if
blanking is used) is less than one, i.e., SHIFT, SCALE and
BIG_SCALE must be selected such that:
Overflows due to improper gain settings will go
undetected if this relationship is violated. For example, if N is
equal to 8 and SHIFT=4, then this restriction means that
BIG_SCALE and SCALE should be less than or equal to 7
and 1 respectively. The SHIFT, BIG_SCALE and SCALE
settings are independent for each channel. See Section 3.7
for a description of the channel’s overall gain.
3.3.4 Coarse Channel Gain
The gain of each channel can be boosted up to 42 dB by
shifting the output of the CIC filter up by 0 to 7 bits prior to
rounding
it
to
20
bits.
The
coarse
gain
is:
, where COARSE ranges from
0 to 7. COARSE is set in address 25 of each channel control
page. Overflows in the coarse gain circuit are saturated to
plus or minus full scale. The coarse gain is used to increase
the gain of an individual signal after the input bandwidth of
the downconverter has been reduced by a factor of N in the
CIC filter. If the signal power across the input bandwidth is
relatively flat, as is the case in most frequency division
multiplexed (FDM) systems, then one would want to boost
the signal power out of the CIC filter by a factor of
. Each channel can be given its own
coarse gain setting. See Section 3.7 for a description of the
channel’s overall gain.
3.3.5 The First Decimate By Two Filter
(CFIR)
The CIC/Coarse gain outputs are filtered by two stages
of filtering. The first stage is a 21 tap decimate by 2 filter with
programmable 16 bit coefficients. Since this filter decimates
by two, a stopband must be created in that portion of the
spectrum that would alias into the signal of interest. This filter
has very lax transition band specifications so 21 taps is
sufficient to both provide the required anti-aliasing stopband,
and to provide compensation for the droop in the CIC filter’s
passband. The CFIR is also used, in some cases, to provide
additional stopband rejection for the second stage PFIR filter.
Figure
10
illustrates
the
passband
and
stopband
requirements of the filter. FCFIR is the input sample rate to the
CFIR filter. FCFIR/4 is the output sample rate of the channel
before resampling.
The user downloaded filter coefficients are 16 bit 2’s
complement numbers. Unity gain will be achieved through
the filter if the sum of the 21 coefficients is equal to 65536. If
the sum is not 65536, then CFIR will introduce a gain equal
to:
, where CFIR_SUM is the sum of
the 21 coefficients. Coefficient sets for a variety of standards
in cellular and cable modem applications are given in Section
7. The output of CFIR is rounded to 20 bits (using the
round-to-even algorithm). Overflows are detected and hard
limited. Overflows can be directed to the channel overflow
detection block.
The 21 coefficients are identified as coefficients h0
through h20, where h10 is the center tap. The coefficients are
assumed to be symmetric, so only the first 11 coefficients (h0
through h10) are loaded into the chip. A non-symmetric mode
(NO_SYM_CFIR in address 25) allows the user to download
an 11 tap non-symmetric filter as taps h0 through h10. The
newest sample is multiplied by h0 and the oldest is multiplied
by h10. NOTE: Filters normally multiply h0 by the oldest data,
hence one may wish to reverse the tap order in the
non-symmetric mode.
CFIR has a programmable delay of one CFIR input
sample. This delay is used in a multichannel mode to alter
CIC_GAIN
N
5
2 SHIFT +SCALE
6
BIG_SCALE
62
–
×
+
(
)
=
SHIFT
SCALE6
BIG_SCALE
×
+
+
(
) ≤
62
5log
2N
–
log
2(NZERO+1)
+
(
)
COARSE_GAIN
2
COARSE
=
COARSE_GAIN
N
=
CFIR_GAIN
CFIR_SUM
65536
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com