Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4016 Datasheet(PDF) 66 Page - Texas Instruments

Part # GC4016
Description  MULTI-STANDARD QUAD DDC CHIP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4016 Datasheet(HTML) 66 Page - Texas Instruments

Back Button GC4016 Datasheet HTML 62Page - Texas Instruments GC4016 Datasheet HTML 63Page - Texas Instruments GC4016 Datasheet HTML 64Page - Texas Instruments GC4016 Datasheet HTML 65Page - Texas Instruments GC4016 Datasheet HTML 66Page - Texas Instruments GC4016 Datasheet HTML 67Page - Texas Instruments GC4016 Datasheet HTML 68Page - Texas Instruments GC4016 Datasheet HTML 69Page - Texas Instruments GC4016 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 83 page
background image
© GRAYCHIP,INC.
- 61 -
August 27, 2001
GC4016 MULTI-STANDARD QUAD DDC CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
7.8
GC4016 CONFIGURATION GENERATOR
A GC4016 configuration generator is available from Graychip in the form of a “C” program which can be obtained via email
or the web. The program is described below.
Usage: cmd4016 [-gc100 | -TI | -sim] <config_file>
where <config_file> is a file containing a list of control register settings of the form:
<parameter> <value>
print [gc100 | TI | sim ]
channel [0-3]
copy_channel [0-3]
cfir_coef <file>
pfir_coef <file>
res_coef <file>
where <parameter> is one of the gc4016 control register fields identified in the datasheet or quick reference guide.
Cmd4016 reads the file of control register settings and creates output files which summarize the control register values
needed to program the chip. The program creates config_file.tbl, which contains a summary of all of the control register settings
in a table format.
A second file is created which is in a format suitable for programming the chip. Three formats are supported: gc100, TI, and
sim. The format is either chosen on the command line, or is chosen using the “print [gc100 | TI | sim]” command. These options
create config_file.gc100, config_file.ti or config_file.sim output files.
The gc100 format is used by the gc100 test card interface. This format contains commands of the form:
write <address> <data>
or
write_block <starting_address> <data0> <data1> <data2> ...
The TI format is for use with the 4 bit addressing mode and contains commands of the form:
<address> <data>
The sim format is used by the “ifan” simulator and contains commands of the form:
writec <address> <data>
The “4_bit_address” mode is required in the TI mode, it is illegal in the gc100 or sim modes. A warning will be printed and
the appropriate 4_bit_address mode will be forced if this is violated. cmd4016 then checks the configuration for sanity and
calculates the gains throughout the chip.
Example configuration files can also be provided by email, or downloaded from the web.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com