Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-2SC6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # USBLC6-2SC6
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2SC6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button USBLC6-2SC6 Datasheet HTML 2Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 3Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 4Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 5Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 6Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 7Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 8Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 9Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
USBLC6-2
6/11
4. CROSSTALK BEHAVIOR
4.1. Crosstalk phenomena
Figure 11: Crosstalk phenomena
The crosstalk phenomena are due to the coupling between 2 lines. The coupling factor (
β12 or β21)
increases when the gap across lines decreases, particularly in silicon dice. In the example above the
expected signal on load RL2 is α2VG2, in fact the real voltage at this point has got an extra value β21VG1.
This part of the VG1 signal represents the effect of the crosstalk phenomenon of the line 1 on the line 2.
This phenomenon has to be taken into account when the drivers impose fast digital data or high frequency
analog signals in the disturbing line. The perturbed line will be more affected if it works with low voltage
signal or high load impedance (few k
Ω).
Figure 12: Analog crosstalk measurements
Figure 12 gives the measurement circuit for the analog application. In usual frequency range of analog
signals (up to 240MHz) the effect on disturbed line is less than -55 dB (please see figure 13).
Line 1
Line 2
VG1
VG2
RG1
RG2
DRIVERS
RL1
RL2
RECEIVERS
α
β
+
1
12
VG1
VG2
α
β
+
2
21
VG2
VG1
SPECTRUM ANALYSER
Vout
50
Ω
TRACKING GENERATOR
Vg
Vin
50
Ω
TEST BOARD
VBUS
C=100nF
Figure 13: Analog crosstalk results
As the USBLC6-2 is designed to protect high
speed data lines, it must ensure a good transmis-
sion of operating signals. The frequency response
(figure 5) gives attenuation information and shows
that the USBLC6-2 is well suitable for data line
transmission up to 480 Mbit/s while it works as a
filter for undesirable signals like GSM (900MHz)
frequencies, for instance.
100.0k
1.0M
10.0M
100.0M
1.0G
-120.00
-90.00
-60.00
-30.00
0.00
Analog Crosstalk
APLAC 7.91 User: ST Microelectronics Jan 12 2005
dB
f/Hz
Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com