Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-2SC6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # USBLC6-2SC6
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2SC6 Datasheet(HTML) 2 Page - STMicroelectronics

  USBLC6-2SC6 Datasheet HTML 1Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 2Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 3Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 4Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 5Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 6Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 7Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 8Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
USBLC6-2
2/11
Table 2: Absolute Ratings
Table 3: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
At device level:
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
MIL STD883C-Method 3015-6
15
15
25
kV
Tstg
Storage temperature range
-55 to +150
°C
Tj
Maximum junction temperature
125
°C
TL
Lead solder temperature (10 seconds duration)
260
°C
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VRM
Reverse stand-off voltage
5
V
IRM
Leakage current
VRM = 5V
1µA
VBR
Breakdown voltage between VBUS
and GND
IF = 1mA
6V
VF
Forward voltage
IF = 10mA
1.1
V
VCL
Clamping voltage
IPP = 1A, tp = 8/20µs
Any I/O pin to GND
12
V
IPP = 5A, tp = 8/20µs
Any I/O pin to GND
17
V
Ci/o-GND Capacitance between I/O and GND
V = 0V F = 1MHz
any I/O pin to GND
2.5
3.5
pF
∆Ci/o-GND
0.04
Ci/o-i/o
Capacitance between I/O
V = 0V F = 1MHz
between I/O, GND
not connected
1.2
1.7
pF
∆Ci/o-i/o
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com