Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-2SC6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # USBLC6-2SC6
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2SC6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button USBLC6-2SC6 Datasheet HTML 3Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 4Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 5Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 6Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 7Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 8Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 9Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 10Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
USBLC6-2
7/11
5. APPLICATION EXAMPLES
Figure 14: USB2.0 port application diagram using USBLC6-2
Figure 15: T1/E1/Ethernet protection
HUB-
DOWNSTREAM
TRANSCEIVER
+ 5V
RS
RS
RS
RS
RPD
RPD
RPD
RPD
Protecting
Bus Switch
DEVICE-
UPSTREAM
TRANSCEIVER
+ 3.3V
SW1
RPU
VBUS
D+
D-
GND
VBUS
VBUS
VBUS
RX LS/FS +
RX LS/FS +
RX LS/FS +
RX LS/FS +
RX HS +
RX HS +
RX HS +
RX HS +
TX HS +
TX HS +
TX HS +
TX HS +
TX LS/FS +
TX LS/FS +
TX LS/FS +
TX LS/FS +
RS
RS
USB
connector
TX LS/FS -
TX LS/FS -
TX LS/FS -
TX LS/FS -
RX LS/FS -
RX LS/FS -
RX LS/FS -
RX LS/FS -
RX HS -
RX HS -
RX HS -
RX HS -
TX HS -
TX HS -
TX HS -
TX HS -
GND
GND
GND
GND
SW2
DEVICE-
UPSTREAM
TRANSCEIVER
USBLC6-4SC6
USBLC6-2P6
USBLC6-2SC6
+ 3.3V
SW1
RPU
VBUS
D+
D-
GND
RS
RS
USB
connector
SW2
Open
Closed then open
High Speed HS
Open
Closed
Full Speed FS
Closed
Open
Low Speed LS
SW2
SW1
Mode
DATA
TRANSCEIVER
SMP75-8
SMP75-8
Tx
Rx
+VCC
+VCC
100nF
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com