Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-2P6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # USBLC6-2P6
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2P6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button USBLC6-2P6 Datasheet HTML 3Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 4Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 5Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 6Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 7Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 8Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 9Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 10Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
USBLC6-2
8/11
6. PSPICE MODEL
Figure 16 shows the PSPICE model of one USBLC6-2 cell. In this model, the diodes are defined by the
PSPICE parameters given in figure 17.
Note: This simulation model is available only for an ambient temperature of 27°C.
Figure 16: PSPICE model
Figure 17: PSPICE parameters
Figure
18:
USBLC6-2
PCB
layout
considerations
MODEL = Dlow
MODEL = Dhigh
VBUS
LI/O
LGND
GND
D+in
MODEL = Dzener
RI/O
LI/O
D-in
RI/O
LI/O
LI/O
RGND
RI/O
D-out
RI/O
MODEL = Dlow
MODEL = Dhigh
LI/O
D+out
RI/O
Dlow
Dhigh
Dzener
BV
50
50
7.3
CJ0
0.9p
2.0p
40p
IBV
1m
1m
1m
M
0.3333
0.3333
0.3333
RS
0.2
0.52
0.84
VJ
0.6
0.6
0.6
TT
0.1u
0.1u
0.1u
LI/O
750p
RI/O
110m
LGND
550p
RGND
60m
D+in
D+out
D-out
GND
USBLC6-2
D-in
VBUS
1
C
= 100nF
BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com