Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-2P6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # USBLC6-2P6
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2P6 Datasheet(HTML) 5 Page - STMicroelectronics

  USBLC6-2P6 Datasheet HTML 1Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 2Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 3Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 4Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 5Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 6Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 7Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 8Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
USBLC6-2
5/11
3. HOW TO ENSURE A GOOD ESD PROTECTION
While the USBLC6-2 provides a high immunity to ESD surge, an efficient protection depends on the layout
of the board. In the same way, with the rail to rail topology, the track from the VBUS pin to the power supply
+VCC and from the GND pin to GND must be as short as possible to avoid overvoltages due to parasitic
phenomena (see figure 6).
It’s often harder to connect the power supply near to the USBLC6-2 unlike the ground thanks to the ground
plane that allows a short connection.
To ensure the same efficiency for positive surges when the connections can’t be short enough, we
recommend to put close to the USBLC6-2, between VBUS and ground, a capacitance of 100nF to prevent
from these kinds of overvoltage disturbances (see figure 7).
The add of this capacitance will allow a better protection by providing during surge a constant voltage.
The figures 8, 9 and 10 show the improvement of the ESD protection according to the recommendations
described above.
IMPORTANT:
A main precaution to take is to put the protection device closer to the disturbance source (generally the
connector).
Note: The measurements have been done with the USBLC6-2 in open circuit.
Figure 7: ESD behavior: optimized layout and
add of a capacitance of 100nF
Figure
8:
ESD
behavior:
measurements
conditions (with coupling capacitance)
Figure
9:
Remaining
voltage
after
the
USBLC6-2 during positive ESD surge
Figure
10:
Remaining
voltage
after
the
USBLC6-2 during negative ESD surge
REF1=GND
VI/O
ESD
SURGE
I/O
REF2=+
VCC
C=100nF
Lw
V+
V
CL
CC
F
V+
=
surge >0
surge <0
VV
CL
F
-
- =
t
V+
CL
POSITIVE
SURGE
t
V-
CL
NEGATIVE
SURGE
+5V
C=100nF
TEST BOARD
ESD
SURGE
Vin
Vout
Vin
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com