Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-2P6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # USBLC6-2P6
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2P6 Datasheet(HTML) 3 Page - STMicroelectronics

  USBLC6-2P6 Datasheet HTML 1Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 2Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 3Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 4Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 5Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 6Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 7Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 8Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
USBLC6-2
3/11
Figure 2: Capacitance versus line voltage
(typical values)
Figure 3: Line capacitance versus frequency
(typical values)
Figure 4: Relative variation of leakage current
versus junction temperature (typical values)
Figure 5: Frequency response
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
C =I/O-I/O
j
C =I/O-GND
O
Data line voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
1
10
100
1000
C(pF)
V
=30mV
T =25°C
OSC
RMS
j
V
=0V to 3.3V
LINE
F(MHz)
1
10
100
25
50
75
100
125
T (°C)
j
V
=5V
BUS
I[T
RM
j] / I
[T
RM
j=25°C]
100.0k
1.0M
10.0M
100.0M
1.0G
-20.00
-15.00
-10.00
-5.00
0.00
S21(dB)
F(Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com