Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # CS8130
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS8130 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button CS8130 Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Register 16, TV Remote Receive Timing Register #1
D3
D2
D1
D0
TVR3 TVR2 TVR1
TVR0
1111
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
TVR11-0
TV remote mode
receiver timing
register
TVR = (3.6864E6 *
T) -1
where T = the
incoming bit period,
and TVR = this
register value.
000000000000
000000000001
↓
011111111111
↓
111111111111
0
1
↓
2047R
↓
4095
T = 271 ns
T = 542 ns
↓
T = 555
µs (1800 bps)
↓
T = 1.11 ms
For TV remote receive "oversampled" mode, this register value determines the input data sample rate.
The sample rate is 3.6864 MHz divided by this register value. The sample rate should be set to as fast
as possible, to give the best resolution on the incoming data edges, but should be less than 80% of the
main UART communication baud rate.
For TV remote receive "programmed T period" mode, this register sets the expected incoming bit cell
time (T). The main UART communications rate must be set to at least 20% greater than 1/T.
Register 17, TV Remote Receive Timing Register #2
D3
D2
D1
D0
TVR7
TVR6
TVR5
TVR4
1111
Register
Reset (R)
Register 18, TV Remote Receive Timing Register #3
D3
D2
D1
D0
TVR11 TVR10
TVR9
TVR8
0111
Register
Reset (R)
CS8130
DS134PP2
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com