Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CS8130
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS8130 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CS8130 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 23Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 24Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Register 28, CS8130 Silicon Revision Register
D3
D2
D1
D0
REV3 REV2 REV1
REV0
Register
BIT
NAME
VALUE
FUNCTION
REV3-0
CS8130 silicon
revision level
0000
1st silicon, designed to meet DS134PP2 data sheet,
dated June 1994
This register should be read by the CS8130 driver to allow CS8130 future enhancements to be recog-
nized, and incorporated into future versions of the driver.
Register 24, Receive ASK Timing Sensitivity Register
D3
D2
D1
D0
RAT3
RAT2
RAT1
RAT0
0000
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
RAT3-0
Receiver ASK
Timing Sensitivity.
Timing window =
+0.27
µs to
-RAT(2/3.6864E06)
- 0.27
µs
0000
0001
0010
↓
1111
0R
1
2
↓
15
+0.27
µs to -0.27 µs window (500 kHz ASK mode)
+0.27
µs to -0.54 - 0.27 µs window
+0.27
µs to -1.08 - 0.27 µs window
↓
+0.27
µs to -8.14 - 0.27 µs window
The timing window is relative to the modulation divider register nominal setting.
CS8130
DS134PP2
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com