Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130-CS Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # CS8130-CS
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS8130-CS Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button CS8130-CS Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 23Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Register 19, TV Remote Transmit Bit Rate Divider Register #1
D3
D2
D1
D0
TBR3 TBR2 TBR1
TBR0
1111
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
TBR7-0
TV remote mode
transmit bit rate
register
TBR=
(3.6864E6/(16*RATE))
-1
where TBR is this
register value &
RATE is the desired
transmit bit rate.
01111111
127 R
RATE = 1800 bps
Register 20, TV Remote Transmit Bit Rate Divider Register #2
D3
D2
D1
D0
TBR7
TBR6
TBR5
TBR4
0111
Register
Reset (R)
Register 21, Control Register #4
D3
D2
D1
D0
OSCE OSCL EXCK
SRES
0000
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
OSCE
Disable crystal
oscillator in D/C
controlled
power down state
0
1
RIn D/C controlled power down state, crystal
oscillator stays running.
In D/C controlled power down state, crystal
oscillator stops.
OSCL
Set oscillator in low
power mode
0
1
R Oscillator in normal power, high accuracy, mode.
Oscillator in low power, medium accuracy mode.
EXCK
Disable external
clock output driver
0
1
R If crystal is used, enable clock output driver
If crystal is used, disable clock output driver (Hi-Z)
SRES
Software Reset
0
1
R Normal operation
Causes a software reset, which forces all registers
into their reset state. If ECHO is true, then the echo
will occur at the current baud rate, before the baud
rate changes to the default value.
CS8130
20
DS134PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com